Electronic Components Datasheet Search
  English  ▼

X  

AN1061 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1061
Description  2A HIGH EFFICIENCY DC-DC CONVERTERY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1061 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1061 Datasheet HTML 3Page - STMicroelectronics AN1061 Datasheet HTML 4Page - STMicroelectronics AN1061 Datasheet HTML 5Page - STMicroelectronics AN1061 Datasheet HTML 6Page - STMicroelectronics AN1061 Datasheet HTML 7Page - STMicroelectronics AN1061 Datasheet HTML 8Page - STMicroelectronics AN1061 Datasheet HTML 9Page - STMicroelectronics AN1061 Datasheet HTML 10Page - STMicroelectronics AN1061 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
AN1061 APPLICATION NOTE
Figure 12. Maximum Soft Start
Capacitance with fSW = 100kHz
Figure 13. Maximum Soft Start
Capacitance with fSW = 200kHz
15
20
25
30
35
40
45
50 VCCmax(V)
0
100
200
300
400
L
(
µH)
D97IN745
680nF
fsw=100KHz
470nF
330nF
220nF
100nF
15
20
25
30
35
40
45
50 VCCmax(V)
0
100
200
300
L
(
µH)
56nF
fsw=200KHz
D97IN746
47nF
33nF
22nF
During the recharging of the soft start capacitor, the Ton increases gradually and, if the short
circuit is still present, when Ton>TB and the output peak current reachs the threshold, the hic-
cup protection intervenes again. So, the value of the soft start capacitor must not be too high
(in this case the Ton increases slowly thus taking much time to reach the TB value) to avoid
that during the soft start slope the current exceeds the limit before the protection activation.
The folllowing diagrams of Figure 12 and Figure 13 show the maximum allowed soft-start ca-
pacitor as a function of the input voltage, inductor value and switching frequency. A minimun
value of the soft start capacitance is necessary to guarantee, in short circuit condition, the
functionality of the limiting current circuitry. Infact, with a capacitor too small, the frequency of
the current peaks (see figure 11) is high and the mean current value in short circuit increases.
3.2 Soft Start and Inhibit functions.
The soft start and the inhibit functions are realised using one pin only, pin2. Soft-start is re-
quested to inizialise all internal functions with a correct start-up of the system without over-
stressing the power stage, avoiding the intervention of the current protection, and having an
output voltage rising smoothly without output overshoots.
At Vcc Turn-on or having had an intervention of inhibit function, an initial 5
µA internal current
generator starts to charge the soft-start capacitor, from 0V to about 1.8V. From this hysteretic
threshold, a 40
µA current generator is activated, putting in off state the previous generator.
At this point, the output PWM starts, initiating the rising phase of the output voltage.
The soft-start capacitor is quickly discharged in case of:
■ Thermal protection intervention
■ Hiccup limiting current condition
■ Supply voltage lower than UVLO off threshold.
The soft-start and inhibit schematic diagram is shown in figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com