Electronic Components Datasheet Search
  English  ▼

X  

AN1061 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1061
Description  2A HIGH EFFICIENCY DC-DC CONVERTERY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1061 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1061 Datasheet HTML 1Page - STMicroelectronics AN1061 Datasheet HTML 2Page - STMicroelectronics AN1061 Datasheet HTML 3Page - STMicroelectronics AN1061 Datasheet HTML 4Page - STMicroelectronics AN1061 Datasheet HTML 5Page - STMicroelectronics AN1061 Datasheet HTML 6Page - STMicroelectronics AN1061 Datasheet HTML 7Page - STMicroelectronics AN1061 Datasheet HTML 8Page - STMicroelectronics AN1061 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
AN1061 APPLICATION NOTE
Figure 4. Oscillator Internal Circuit.
A resistor Rosc and a capacitor Cosc connected as shown in Figure 4, allow the setting of the
desired switching frequency in agreement with the below formula:
Where Fsw is in kHz, Rosc in KΩ and Cosc in nF.
The oscillator capacitor, Cosc, is discharged by an internal mos transistor with 100W of Rdson
(Q1) and during this period the internal threshold is set at 1V by a second mos, Q2 . When the
oscillator voltage capacitor reaches the 1V threshold, the output comparator turns off the mos
Q1 and turns on the mos Q2, restarting the Cosc charge.
The oscillator block, shown in figure 5, generates a sawtooth wave signal that sets the switch-
ing frequency of the system.
Figure 5. Switching frequency vs. Rosc and Cosc.
This signal, compared with the output of the error amplifier, generates the PWM signal that will
modulate the conduction time of the power output stage.
The way the oscillator has been integrated,does not require additional external components to
benefit of the voltage feedforward function.
VCC
Osc
ROSC
TO PWM
COMPARATOR
COSC
Q1
1V
R
Q2
5R
CLOCK
D97IN655A
-
+
F
SW
1
R
oasc
C
osc
⋅
()In 6
5
---


100 C
osc
⋅
+
--------------------------------------------------------------------------------------
=
0
20
40
60
80
R2(K
Ω)
5
10
20
50
100
200
500
fsw
(KHz)
D97IN630
0.82nF
1.2nF
2.2nF
3.3nF
4.7nF
5.6nF
Tamb=25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com