Electronic Components Datasheet Search
  English  ▼

X  

AN1061 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1061
Description  2A HIGH EFFICIENCY DC-DC CONVERTERY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1061 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1061 Datasheet HTML 1Page - STMicroelectronics AN1061 Datasheet HTML 2Page - STMicroelectronics AN1061 Datasheet HTML 3Page - STMicroelectronics AN1061 Datasheet HTML 4Page - STMicroelectronics AN1061 Datasheet HTML 5Page - STMicroelectronics AN1061 Datasheet HTML 6Page - STMicroelectronics AN1061 Datasheet HTML 7Page - STMicroelectronics AN1061 Datasheet HTML 8Page - STMicroelectronics AN1061 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AN1061 APPLICATION NOTE
2/21
2 DEVICE DESCRIPTION
For a better understanding of the device and its working principles, a short description of the
main building blocks is given here below, with packaging options and complete block diagram.
Figure 1 shows the two packaging options, with the pin function assignments.
Figure 2. Pins Connection.
Figure 3. Block Diagram
3 POWER SUPPLY & VOLTAGE REFERENCE
The device is provided with an internal stabilised power supply (of about 12V typ. ) that powers
the analog and digital control blocks and the bootstrap section.
From this preregulator, a 3.3V reference voltage ±2%, is internally available.
Oscillator and voltage feedforward.
Just one pin is necessary to implement the oscillator function, with inherent voltage feedfor-
ward.
GND
SS_INH
OSC
OUT
1
3
2
4
VCC
BOOT
COMP
FB
8
7
6
5
D97IN595
N.C.
GND
SS_INH
OSC
OUT
N.C.
OUT
N.C.
N.C.
N.C.
BOOT
VCC
COMP
FB
N.C.
N.C.
1
3
2
4
5
6
7
8
14
13
12
11
10
9
15
16
D97IN596
INHIBIT
SOFTSTART
VOLTAGES
MONITOR
THERMAL
SHUTDOWN
E/A
PWM
3.3V
OSCILLATOR
R
S
Q
INTERNAL
REFERENCE
INTERNAL
SUPPLY
3.3V
5.1V
DRIVE
CBOOT
CHARGE
CBOOT
CHARGE
AT LIGHT
LOADS
2
7
8
FB
COMP
SS_INH
3
1
4
6
5
BOOT
OSC
GND
OUT
VCC
D97IN594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com