Electronic Components Datasheet Search
  English  ▼

X  

AN1126 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1126 Datasheet HTML 2Page - STMicroelectronics AN1126 Datasheet HTML 3Page - STMicroelectronics AN1126 Datasheet HTML 4Page - STMicroelectronics AN1126 Datasheet HTML 5Page - STMicroelectronics AN1126 Datasheet HTML 6Page - STMicroelectronics AN1126 Datasheet HTML 7Page - STMicroelectronics AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics AN1126 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
If Psync is the wasted power on the input capacitor with synchronized PWMs, given by :
Psync = ESR
⋅ Irmssync2
and Pmulti is the wasted power with multiphased PWMs, given by :
Pmulti = ESR
⋅ Irms2
the power saved using the multiphase instead of the synchronized method for various duty cycle is :
Psaved (
δ) = ESR ⋅ (Irmssync2 (δ) - Irms2 (δ))
Psaved
(δ) =
ESR
2
⋅ Iout 2
⋅ δ
if
δ
≤ 0.5
ESR
2
⋅ Iout 2 ⋅ (1 − δ
)
if
δ > 0.5
For example considering an input capacitor ESR of 0.1 Ohm and an output current of 7A the power
saved using the multiphase instead of the synchronized method for different duty cycle is shown in fig.8.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.5
1
1.5
2
Psaved (
δ)
Psync
Pmulti
δ
[W]
Psaved
Psync
Pmulti
(
δ)
(
δ)
Figure 8. Power saved using the multiphase instead of the synchronized method for various
duty cycle.
ESR=60m
Ω
Iout=7A
Iout=10A
Iout=5A
Vin=12V
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
0
0.5
1
1.5
2
Vout [ V ]
Psaved
[W]
[W]
ESR=50m
Ω
ESR=75m
Ω
ESR=100m
Ω
Vin=12V
Iout=7A
Psaved
33.544.555.566.5
7
7.5
8
0
0.5
1
1.5
2
Vout [ V ]
Figure 9. Power saved vs. Vout
AN1126 APPLICATION NOTE
6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com