Electronic Components Datasheet Search
  English  ▼

X  

AN1126 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1126 Datasheet HTML 4Page - STMicroelectronics AN1126 Datasheet HTML 5Page - STMicroelectronics AN1126 Datasheet HTML 6Page - STMicroelectronics AN1126 Datasheet HTML 7Page - STMicroelectronics AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics AN1126 Datasheet HTML 10Page - STMicroelectronics AN1126 Datasheet HTML 11Page - STMicroelectronics AN1126 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
The gained power
∆P% as a function
of input voltage, output voltage, output
current and
input capacitor ESR is
shown in figure 12.
Figure 12 shows the measured effi-
ciency with the L4973D board , with
Vin = 12V, Vout = 5.1V, fsw = 200kHz,
using a input capacitor 470
µF/50V
ROE with an ESR = 85m
Ω. Using the
multiphase application with a phase
delay,
α, equal to half period, case1) ,
there is a gained efficiency of 2%
compared to the synchronous applica-
tion. So it is possible to maintain high
efficiency values using low cost and
size capacitor.
Conclusions
To sum up in application in which the duty
cycle is between 0.2 and 0.8 there is a big
advantage using the multiphase PWMs, in
terms of dissipated power on the input ca-
pacitor compared with the added circuitry to
achieve it. The more the output current is
the more this advantage increases.
Applications with
δ = 0.5, using a half period
of multiphase phase delay, gives the best
benefit because the RMS current through
the input capacitor is approximately zero.
Minimization
of
the
Ripple
Current
Through the Output Capacitor.
Figure 13 shows the current ripple through
the output filter for different phase delay,
α,
of the two PWMs considering a duty cycle of
0.5.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
6
∆P%(δ)
δ
Figure 11.
∆P% vs. duty cycle.
0
2
4
6
8
10
12
141618
20
2
4
6
8
10
Iout [ A ]
50m
Ω
75m
Ω
ESR=100m
Ω
Vcc=12V
∆ P%=(Psaved/Po) · 100
ESR=60m
Ω
Vcc=8V
Vcc=12V
Vcc=24V
∆ P%=(Psaved/Po) · 100
02468
10
12
14
16
18
20
0
1
2
3
4
5
6
Iout [ A ]
∆P%
∆P%
Figure 12.
∆P%
01
2
345
67
8
80
85
90
95
Io [A]
Multiphase
α=180
Vo = 5.1V
fsw = 200kHz
Vcc = 12V
synchronous
Cin = 470
µF/50V ROE EKE
ESR = 85mOhm
Figure 13. Efficiency vs. Output Current.
η
=
VO
⋅ IO
VIN
⋅ IIN
⋅ 100 [%]
AN1126 APPLICATION NOTE
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com