Electronic Components Datasheet Search
  English  ▼

X  

AN1126 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1126 Datasheet HTML 1Page - STMicroelectronics AN1126 Datasheet HTML 2Page - STMicroelectronics AN1126 Datasheet HTML 3Page - STMicroelectronics AN1126 Datasheet HTML 4Page - STMicroelectronics AN1126 Datasheet HTML 5Page - STMicroelectronics AN1126 Datasheet HTML 6Page - STMicroelectronics AN1126 Datasheet HTML 7Page - STMicroelectronics AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
INTRODUCTION
The L4973 family is a 3.5A monolithic step-down dc-dc converter, available in POWERDIP18( 12+3+3)
and SO20L (12+4+4) plastic packages. The operating input supply voltage range is from 8V to 55V, and
the output ranges from 3.3V (L4973D3.3) and 5.1V(L4973D5.1) to 40V. Other regulated outputs below
3.3V are also possible (See Application Note AN938).
Using two L4973D is possible to deliver up to 7A with a good sharing between the two sections or a re-
dundant 3.5A. The two devices work at a switching frequency of 200kHz. At Vcc = 24V, Vo = 5.1V at 7A
the efficiency is 87%. At 3.5A output, the efficiency is 90%.
Current Sharing Operating Principle
The current sharing configuration, shown in fig. 1, is based upon two L497x devices U1 and U2. Any de-
vice in the L497x family can be used for this purpose.
The U1 regulator acts as a master which regulates the output voltage.
The second section U2 works as a current follower. Its task is to deliver an output current equal to the
May 1999
®
AN1126
APPLICATION NOTE
CURRENT SHARING OF THE L4973
IN A MULTIPHASE APPLICATION
by Domenico Arrigo & Giuseppe Gattavari
Electrical Specifications
Input Voltage range
8V-30V
Output Voltage
5.1V
±3% (Line, Load and Temperature)
Output Voltage Ripple
47mV (0.92%/Vo)
Output Current range
0 to 7A
Max Output Ripple current
15%
Min Iomax Current limit
8A
Switching frequency
200kHz
Rint
Cint
I +
Vout
L
Cout
OUT
U1
L497x
COMP
GND
OP-AMP
+
-
COMP
OUT
FB
U2
L497x
GND
Rs
Rs
L
I -
FB
Vcc
Vcc
Vcc
Figure 1. Current Sharing Operating Principle
1/16


Similar Part No. - AN1126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN11228 NXP-AN11228 Datasheet
818Kb / 21P
BGA301x Wideband Variable Gain Amplifier Application
Rev. 2-3 February 2014
AN11231 NXP-AN11231 Datasheet
604Kb / 18P
KNX evaluation board using LPC1227 and NCN5120
Rev. 1-1 July 2012
logo
List of Unclassifed Man...
AN1125-521P ETC1-AN1125-521P Datasheet
39Kb / 1P
AN0625-521P
logo
NXP Semiconductors
AN11275 NXP-AN11275 Datasheet
299Kb / 20P
SGPIO on the LPC4300
Rev. 1-7 November 2012
AN11281 NXP-AN11281 Datasheet
1Mb / 37P
Quick Start Up Guide PREV601 Demo Board
Rev. 1.5-10 November 2013
More results

Similar Description - AN1126

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5080 NSC-LM5080 Datasheet
1Mb / 13P
Modular Current Sharing Controller
logo
Wall Industries,Inc.
PS800 WALL-PS800 Datasheet
156Kb / 4P
800 Watt Single Output PFC and Current Sharing PFC and Current Sharing
logo
STMicroelectronics
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
3.5 A step-down switching regulator based on the L4973
01-Apr-2011
logo
Texas Instruments
LM5080 TI1-LM5080 Datasheet
924Kb / 22P
Modular Current Sharing Controller
logo
Total Power Internation...
TPAC400 TOTAL-POWER-TPAC400 Datasheet
405Kb / 2P
THIRD-WIRE CURRENT SHARING
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
Parallel operation with active current sharing
logo
Zilog, Inc.
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
The voltage and current requirements of the Z8 Encore
logo
Artesyn Technologies
LPS250 ARTESYN-LPS250 Datasheet
492Kb / 3P
Single wire current sharing
NTS350 ARTESYN-NTS350 Datasheet
891Kb / 5P
Single wire current sharing
logo
Littelfuse
SE-100T LITTELFUSE-SE-100T Datasheet
269Kb / 1P
The tester injects current through the window of installed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com