Electronic Components Datasheet Search
  English  ▼

X  

AN1439 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1439
Description  30 W AC-DC adapter with the L6565
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1439 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1439 Datasheet HTML 3Page - STMicroelectronics AN1439 Datasheet HTML 4Page - STMicroelectronics AN1439 Datasheet HTML 5Page - STMicroelectronics AN1439 Datasheet HTML 6Page - STMicroelectronics AN1439 Datasheet HTML 7Page - STMicroelectronics AN1439 Datasheet HTML 8Page - STMicroelectronics AN1439 Datasheet HTML 9Page - STMicroelectronics AN1439 Datasheet HTML 10Page - STMicroelectronics AN1439 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AN1439
Design specification
7/17
Figure 2.
STEVAL-ISC001V1: PCB layout, silk + bottom layer (top view)
Q1
STP5NK80ZFP
1.9
Ω/ 800 V, TO220FP, ST
NTC1
SSN550
NTC 10
Ω, Vishay or equivalent
F1
T2A250V
2 A, 250 V ELU
PCB
---
FR-4, Cu single layer 35 µm, 95.8 x 64.7 mm
1.
If not otherwise specified, all resistors are 1%, ¼ W Q1 and D7 are both provided with a 40 °C/W heatsink
SK95/25/SA from Fischer Elektronik.
Table 2.
STEVAL-ISC001V1 evaluation board: bill of material (continued)
Symbol
Value
Note
Table 3.
STEVAL-ISC001V1: transformer specification (part number 558179, supplied by Albe
s.r.l.)
Core
E25/13/7, N67 material or 3C85 or equivalent
Bobbin
Vertical mounting, 10 pins
Air gap
≈ 1 mm for an inductance 1-3 of 740 µH
Leakage inductance
< 20 µH (at 60 kHz) pins 1-3 with 4,5,7,8,9,10 shorted
Windings Spec & build
Pin
start/end
Winding
Wire
Turns
Notes
1/2
Pri1
AWG26
40
Innermost winding
7/9
Sec1
2xAWG23
8
Pins 7-8 will be shorted on the PCB
8/10
Sec2
2xAWG23
8
Pins 9-10 will be shorted on the PCB
2/3
Pri2
AWG26
40
Pin2 will be cut for safety
4/5
Aux
AWG32
8
Evenly spaced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com