Electronic Components Datasheet Search
  English  ▼

X  

AN1439 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1439
Description  30 W AC-DC adapter with the L6565
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1439 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1439 Datasheet HTML 9Page - STMicroelectronics AN1439 Datasheet HTML 10Page - STMicroelectronics AN1439 Datasheet HTML 11Page - STMicroelectronics AN1439 Datasheet HTML 12Page - STMicroelectronics AN1439 Datasheet HTML 13Page - STMicroelectronics AN1439 Datasheet HTML 14Page - STMicroelectronics AN1439 Datasheet HTML 15Page - STMicroelectronics AN1439 Datasheet HTML 16Page - STMicroelectronics AN1439 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Design specification
AN1439
14/17
The optimization steps are basically three:
1.
Eliminate C15. This slightly hurts efficiency at heavy and moderate load but saves
about 100 mW of no-load input consumption at maximum mains.
2.
Replace the startup charge pump with a more efficient high-voltage active startup
circuit, like the one shown in Figure 15. This saves about 40 mW input consumption.
3.
The feedback network topology at the primary side should be changed as shown in
Figure 15. The feedback topology used in the STEVAL-ISC001V1 is such that under
no-load conditions the optocoupler draws about 3 mA out of pin COMP, which adds up
to the quiescent current of the IC. This additional load causes the Vcc voltage to drop so
that a small dummy load (R15) is required at the secondary side. With the circuit in
Figure 15, the operating current of optocoupler is reduced to 1 mA and also the dummy
load can be reduced, just the 10 k
Ω resistor is used to provide adequate bias current to
the TL431. The input consumption is reduced by about 100 mW.
Figure 14.
High-voltage active startup circuit
Figure 15.
Low-consumption feedback network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com