Electronic Components Datasheet Search
  English  ▼

X  

AN1439 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1439
Description  30 W AC-DC adapter with the L6565
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1439 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1439 Datasheet HTML 6Page - STMicroelectronics AN1439 Datasheet HTML 7Page - STMicroelectronics AN1439 Datasheet HTML 8Page - STMicroelectronics AN1439 Datasheet HTML 9Page - STMicroelectronics AN1439 Datasheet HTML 10Page - STMicroelectronics AN1439 Datasheet HTML 11Page - STMicroelectronics AN1439 Datasheet HTML 12Page - STMicroelectronics AN1439 Datasheet HTML 13Page - STMicroelectronics AN1439 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Design specification
AN1439
10/17
Table 6.
STEVAL-ISC001V1: line/load regulation and efficiency
Vac [V]
88
110
132
176
220
264
Iout
[A]
2.0
Vout = 14.925 V
η= 82.6 %
Vout = 14.924 V
η= 84.0 %
Vout = 14.924 V
η= 84.5 %
Vout = 14.924 V
η= 85.0 %
Vout = 14.924 V
η= 84.5 %
Vout = 14.924 V
η= 83.1 %
1.5
Vout = 14.938 V
η= 83.3 %
Vout = 14.938 V
η= 84.6 %
Vout = 14.938 V
η= 84.9 %
Vout = 14.938 V
η= 84.9 %
Vout = 14.938 V
η= 83.6 %
Vout = 14.938 V
η= 81.8 %
1.0
Vout = 14.952 V
η= 84.0 %
Vout = 14.952 V
η= 85.0 %
Vout= 14.952 V
η= 85.0 %
Vout = 14.952 V
η= 84.0 %
Vout = 14.952 V
η= 81.7 %
Vout= 14.952 V
η= 78.7 %
0.5
Vout = 14.966 V
η= 83.1 %
Vout = 14.966 V
η= 83.1 %
Vout = 14.966 V
η= 83.1 %
Vout = 14.966 V
η= 81.3 %
Vout = 14.966 V
η= 77.1 %
Vout = 14.966 V
η= 72.6 %
0.2
Vout = 14.974 V
η= 78.8 %
Vout = 14.974 V
η= 78.8 %
Vout = 14.974 V
η= 76.8 %
Vout = 14.974 V
η= 73.0 %
Vout = 14.974 V
η= 66.5 %
Vout = 14.974 V
η= 58.7 %
Table 7.
STEVAL-ISC001V1: light-load input power (at Pout = 0.5 W)
Vac [V]
88
110
132
176
220
264
Pin [W]
0.9
1.0
1.1
1.2
1.5
1.6
Table 8.
STEVAL-ISC001V1: no-load input power
Vac [V]
88
110
132
176
220
264
Pin [W]
0.4
0.4
0.45
0.5
0.55
0.60
Table 9.
STEVAL-ISC001V1: maximum power capability (measured at 0.95·Vout)
Vac [V]
88
110
132
176
220
264
Pinmax [W]
52.5
57.1
59.5
60.2
57.4
52.3
Table 10.
STEVAL-ISC001V1: typical wakeup time
Vac [V]
88
110
132
176
220
264
TWAKE [s]
2.8
2.1
1.65
1.17
0.9
0.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com