Electronic Components Datasheet Search
  English  ▼

X  

TGS2353 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGS2353
Description  DC ??18 GHz High Power SPDT Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2353 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGS2353_15 Datasheet HTML 1Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 2Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TGS2353
DC – 18 GHz High Power SPDT Switch
Typical Performance
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
2
4
6
8
1012 1416 1820 22
Frequency (GHz)
Insertion Loss (On-State) vs. Frequency
Vc1 = -40 V, Vc2 = 0 V, +25 0C
-80
-70
-60
-50
-40
-30
-20
-10
0
2
4
6
8
10 12 14 16 18 20 22
Frequency (GHz)
Isolation (Off-State) vs. Frequency
Vc1 = 0 V, Vc2 = -40 V, +25 0C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10 12 14 16 18 20 22
Frequency (GHz)
Return Loss (On-State) vs. Frequency
Vc1 = -40 V, Vc2 = 0 V, +25 0C
IRL
ORL
-7
-6
-5
-4
-3
-2
-1
0
0
2468
10
12
14
16
18
20
22
Frequency (GHz)
Return Loss (Off-State) vs. Frequency
Vc1 = 0 V, Vc2 = -40 V, +25 0C
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
28
30
32
34
36
38
40
Input Power (dBm)
Loss Compression vs. Pin vs. Frequency
Vc1 = -40 V, Vc2 = 0 V, +25 0C
8 GHz
10 GHz
12 GHz
14 GHz
16 GHz
18 GHz
Preliminary Data Sheet: Rev A 06/20/11
- 4 of 10 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com