Electronic Components Datasheet Search
  English  ▼

X  

TGS2353 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGS2353
Description  DC ??18 GHz High Power SPDT Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2353 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGS2353_15 Datasheet HTML 1Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 2Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TGS2353
DC – 18 GHz High Power SPDT Switch
Application Circuit
1
5
4
2, 7
3, 6
Vc2
J1
RF In
Vc1
J2
RF Out1
J3
RF Out2
Vc1 can be biased from either bond pad 3 or 6, and the non-biased bond pad can be left open.
Vc2 can be biased from either bond pad 2 or 7, and the non-biased bond pad can be left open.
This switch can be configured as a Single Pole, Single Throw (SPST) by terminating one unused
RF Out port with a 50 Ohm load.
Bias-up Procedure
Bias-down Procedure
Vc1 set to -40 V (On State for Insertion Loss) or 0 V (OFF State
for Isolation)
Turn off RF supply
Vc2 set to 0 V (On State for Insertion Loss) or -40 V (OFF State
for Isolation)
Turn Vc1 to 0V
Apply RF signal to RF Input
Turn Vc2 to 0 V
Function Table
RF Path
State
Vc1
Vc2
RF In to RF Out1 (50 Ohm load to RF Out2)
On-State (Insertion Loss)
0 V
-40 V
Off-State (Isolation)
-40 V
0 V
RF In to RF Out2 (50 Ohm load to RF Out1)
On-State (Insertion Loss)
-40 V
0 V
Off-State (Isolation)
0 V
-40 V
Preliminary Data Sheet: Rev A 06/20/11
- 5 of 10 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com