Electronic Components Datasheet Search
  English  ▼

X  

AN1902 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1902
Description  DEVICES TO DRIVE 58W TL TUBES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1902 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1902 Datasheet HTML 5Page - STMicroelectronics AN1902 Datasheet HTML 6Page - STMicroelectronics AN1902 Datasheet HTML 7Page - STMicroelectronics AN1902 Datasheet HTML 8Page - STMicroelectronics AN1902 Datasheet HTML 9Page - STMicroelectronics AN1902 Datasheet HTML 10Page - STMicroelectronics AN1902 Datasheet HTML 11Page - STMicroelectronics AN1902 Datasheet HTML 12Page - STMicroelectronics AN1902 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
9/32
AN1902 - APPLICATION NOTE
3.2.2 PRE-HEATING FREQUENCY
For the pre-heating frequency calculation the following considerations can be done:
tdV/dt is the duration of the snubber capacitor (C14) charge during the half-bridge mid-point commutation
between ground and VDC bus.
It can be calculated using the following relationship:
tdV/dt= Csnubber x ∆V/ipeak
where:
s
∆V (DC bus voltage);
s
ipeak (peak current);
s
Csnubber (snubber capacitance).
tON is the conduction time fixed by the preheating frequency capacitor (C6) and device characteristics.
It can be calculated according to the following formula:
Where K=6.7µsec/nF (fixed by the VK06)
3.3 STEADY STATE
The steady state frequency is set by the parallel of the capacitors C6-C16 for the low side and C10-C15
for the high side, where C16=C15. The same formulae of the preheat can be applied:
3.4 IGNITION
The converter of figure 9 has two different resonance frequencies, the first one before the tube ignition
the second one after the tube ignition. The converter operation from preheat to steady state is shown in
figure 12.
f
1
T
--
=
1
2
---T
t
ON
t
storage
t
dVdt
++
=
t
storage
con st
300 n
≈
=
sec
(storage duration of the device Power stage)
tON=K • C6
t
ON
KC
6
C
16
+
()
=
f
1
T
--
=
1
2
---T
t
ON
t
storage
t
dVd t
++
=
t
s tor age
const
300n
≈
=
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com