Electronic Components Datasheet Search
  English  ▼

X  

AN1902 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN1902
Description  DEVICES TO DRIVE 58W TL TUBES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1902 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN1902 Datasheet HTML 24Page - STMicroelectronics AN1902 Datasheet HTML 25Page - STMicroelectronics AN1902 Datasheet HTML 26Page - STMicroelectronics AN1902 Datasheet HTML 27Page - STMicroelectronics AN1902 Datasheet HTML 28Page - STMicroelectronics AN1902 Datasheet HTML 29Page - STMicroelectronics AN1902 Datasheet HTML 30Page - STMicroelectronics AN1902 Datasheet HTML 31Page - STMicroelectronics AN1902 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
31/32
AN1902 - APPLICATION NOTE
Figure 37: Test condition: +6% variation on Cfreq
Following the measured parameters:
f=49.8KHz
duty cycle
≈ 50%
P= 46.2W
With:
TonLS= TonHS=8.8µs (+6%)
TstorageLS= tstorageHS =320ns
dv/dt=920ns
The frequency variation respect to the initial condition (CfreqLS = CfreqHS = 1.22 nF) is 4.6% and it is less
than the capacitor tolerance (6%). The power variation is instead ~1.6%.
According to the relationship (1), the same results can be obtained if the tON variation is caused only by
VK06TL internal tolerance. The worst case frequency variation will be anyway less than 5%.
LS collector current
HS collector current
Mid point voltage
LS CAP1 pin voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com