Electronic Components Datasheet Search
  English  ▼

X  

AN1902 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1902
Description  DEVICES TO DRIVE 58W TL TUBES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1902 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1902 Datasheet HTML 1Page - STMicroelectronics AN1902 Datasheet HTML 2Page - STMicroelectronics AN1902 Datasheet HTML 3Page - STMicroelectronics AN1902 Datasheet HTML 4Page - STMicroelectronics AN1902 Datasheet HTML 5Page - STMicroelectronics AN1902 Datasheet HTML 6Page - STMicroelectronics AN1902 Datasheet HTML 7Page - STMicroelectronics AN1902 Datasheet HTML 8Page - STMicroelectronics AN1902 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
5/32
AN1902 - APPLICATION NOTE
2. PACKAGES
The VK06 is assembled in two different packages in order to cover both the surface mounting and the
through-hole PCB. The packages are the SO-16 narrow and the SIP-9 (see figure 6).
Figure 6: Package outline and pin configuration
In figure 7 the SO-16 thermal characterization is reported. In this package eight pins are connected to the
tab to reduce the junction-pin thermal resistance whereas the case-ambient thermal resistance is related
to the copper area on the PCB (device heat-sink). The device has been characterized at three different
copper areas: 0.5, 1 and 2 cm2; at three different power dissipations: 0.25, 0.5 and 1W and measuring
the devices case temperatures.
Figure 7: SO-16 Rth case-ambient Vs. PCB Copper Area
SO16 PACKAGE
SIP9 PACKAGE
N° pin
Name
N° pin
Name
1
CAP1
1
CAP1
2
CapPREH
2
CapPREH
3
GND
3
GND
4DIAC
4
DIAC
5
SEC
5
COLL.
6VCC
6SEC
7CAP2
7
VCC
8
CapEOL
8
CAP2
9÷16
COLL
9
CapEOL
1
8
9
16
1
9
Rth case-ambient
50
60
70
80
90
100
110
120
130
140
150
160
0
0.5
1
1.5
2
Cm
2
°C/W
1W
0.5W
0.25W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com