Electronic Components Datasheet Search
  English  ▼

X  

AN2370 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2370
Description  800 mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2370 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2370 Datasheet HTML 3Page - STMicroelectronics AN2370 Datasheet HTML 4Page - STMicroelectronics AN2370 Datasheet HTML 5Page - STMicroelectronics AN2370 Datasheet HTML 6Page - STMicroelectronics AN2370 Datasheet HTML 7Page - STMicroelectronics AN2370 Datasheet HTML 8Page - STMicroelectronics AN2370 Datasheet HTML 9Page - STMicroelectronics AN2370 Datasheet HTML 10Page - STMicroelectronics AN2370 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN2370
Board layout considerations
7/14
3
Board layout considerations
Because of the small size of the ThinSOT package, it is very important to use a good
thermal PC board layout to maximize the available charge current. The thermal path for the
heat generated by the IC is from the die to the copper lead frame, through the package
leads, (especially the ground lead) to the PC board copper. The PC board copper is the heat
sink. The footprint copper pads should be as wide as possible and expand out to larger
copper areas to spread and dissipate the heat to the surrounding ambient. Feed through
vias to inner or backside copper layers are also useful in improving the overall thermal
performance of the charger. Other heat sources on the board, not related to the charger,
must also be considered when designing a PC board layout because they will affect overall
temperature rise and the maximum charge current.
Table 1 lists thermal resistance for several different board sizes and copper areas.
Figure 3 shows the complete assembly board.
Table 1.
Measured thermal resistance (2-layer board)
Copper area
Board area
Junction-to-ambient
Thermal resistance
Topside
Downside
2500 mm2
2500 mm2
2500 mm2
125 °C/W
1000 mm2
2500 mm2
2500 mm2
125 °C/W
225 mm2
2500 mm2
2500 mm2
130 °C/W
100 mm2
2500 mm2
2500 mm2
135 °C/W
50 mm2
2500 mm2
2500 mm2
150 °C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com