Electronic Components Datasheet Search
  English  ▼

X  

AN2370 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2370
Description  800 mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2370 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2370 Datasheet HTML 6Page - STMicroelectronics AN2370 Datasheet HTML 7Page - STMicroelectronics AN2370 Datasheet HTML 8Page - STMicroelectronics AN2370 Datasheet HTML 9Page - STMicroelectronics AN2370 Datasheet HTML 10Page - STMicroelectronics AN2370 Datasheet HTML 11Page - STMicroelectronics AN2370 Datasheet HTML 12Page - STMicroelectronics AN2370 Datasheet HTML 13Page - STMicroelectronics AN2370 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Automatic recharge
AN2370
10/14
6
Automatic recharge
Once the charge cycle is terminated, the STC4054 continuously monitors the voltage on the
BAT pin using a comparator with a 2 ms filter time (tRECHARGE). A charge cycle restarts
when the battery voltage falls below 4.05 V (which corresponds to approximately 80% to
90% battery capacity).
This ensures that the battery is kept at or near a fully charged condition and eliminates the
need for periodic charge cycle initiations. CHRG output enters a strong pulldown state
during recharge cycles.
Figure 9.
State diagram of a typical charge cycle
TRICKLE CHARGE
MODE
1/10TH FULL
CURRENT
CHRG: STRONG
PULL-DOWN
CHARGE MODE
FULL CURRENT
CHRG: STRONG
PULL-DOWN
STANDBY MODE
NO CHARGE
CURRENT
CHRG: WEAK
PULL-DOWN
POWER ON
Bat >2.9V
Prog<100mV
2.9V<Vbat<4.05V
Bat >2.9V
Bat <2.9V
SHUTDOWN MODE
CHRG: Hi-Z IN UVLO
WEAK PULL-DOWN
OTHERWISE
ICC DROPS TO <25µA
PROG
RECONNECTED
OR
UVLO
CONDITION
STOPS
PROG FLOATED
OR
UVLO
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com