Electronic Components Datasheet Search
  English  ▼

X  

AN2370 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2370
Description  800 mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2370 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2370 Datasheet HTML 1Page - STMicroelectronics AN2370 Datasheet HTML 2Page - STMicroelectronics AN2370 Datasheet HTML 3Page - STMicroelectronics AN2370 Datasheet HTML 4Page - STMicroelectronics AN2370 Datasheet HTML 5Page - STMicroelectronics AN2370 Datasheet HTML 6Page - STMicroelectronics AN2370 Datasheet HTML 7Page - STMicroelectronics AN2370 Datasheet HTML 8Page - STMicroelectronics AN2370 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN2370
STC4054 description
3/14
1
STC4054 description
The STC4054 is a constant current/constant voltage charger for single cell Li-Ion battery. No
external sense resistor or blocking diode is required and its ThinSOT package make it
ideally suited for portable applications.
Its power dissipation can range from 0.2 W to 1.68 W because of Trickle charge mode. In
fact, if VBAT < 2.9 V, IBAT is only 0.8 A/10 = 80 mA.
The maximum power dissipation occurs when VBAT is 2.9 V with maximum charge current.
The STC4054 is designed to work within USB power specifications. An internal block
regulates the current when the junction temperature increases in order to protect the device
when it operates in high power or high ambient temperature environments.
The charge voltage is fixed at 4.2 V, and the charge current limitation can be programmed
using a single resistor connected between the PROG pin and GND. The charge cycle
finishes when the current flowing to the battery is 1/10 of the programmed value. If the
external adaptor is removed, the STC4054 turns off and just 2 µA can flow from the battery
to the device. The device can be put into Shutdown mode, reducing the supply current to 25
µA. The device is delivered in a TSOT23-5L ThinSOT package.
Figure 2.
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com