Electronic Components Datasheet Search
  English  ▼

X  

AN2623 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2623
Description  Evaluation board for off-line forward converter based on L5991
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2623 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2623 Datasheet HTML 7Page - STMicroelectronics AN2623 Datasheet HTML 8Page - STMicroelectronics AN2623 Datasheet HTML 9Page - STMicroelectronics AN2623 Datasheet HTML 10Page - STMicroelectronics AN2623 Datasheet HTML 11Page - STMicroelectronics AN2623 Datasheet HTML 12Page - STMicroelectronics AN2623 Datasheet HTML 13Page - STMicroelectronics AN2623 Datasheet HTML 14Page - STMicroelectronics AN2623 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AN2623
Design circuit
11/25
Considering that the total instantaneous current at the primary side is
Equation 24
where i’2(t) is the secondary winding current during ton reported at primary side and im(t) is
the magnetizing current.
The magnetizing current expression is:
Equation 25
And its peak value is:
Equation 26
The peak value for the i‘2(t) is:
Equation 27
And the value for i‘2(t) at switch-on is:
Equation 28
The ripple current at the primary side is:
Equation 29
The rms value for the current at the primary side is:
Equation 30
In this case neglecting the im(t) , from (Equation 24), it is possible to write following formula:
Equation 31
Considering (Equation 18) and (Equation 19), the maximum allowed copper power losses in
the windings transformer can be immediately calculated. It is possible to select the diameter
for primary and secondary winding; we have chosen d1=0.25 mm and d2=0.8 mm.
i
1tot t
()
i
′
2 t
() i
m t
()
+
=
i
m t
()
V
inmin
L
m
----------------
t
⋅
=
I
mpk
V
inmin
f
sw
⋅
L
m
D
MAX
⋅
--------------------------------
=
I
′
2pk
I
out
I
∆
0
2
--------
+
⎝⎠
⎛⎞
1
n
---
⋅
=
I
′
2min
I
out
I
∆
0
2
--------
–
⎝⎠
⎛⎞
1
n
---
⋅
=
I
1
∆
I
mpk
I
′
2pk
I
′
2min
–
+
=
I
1totRMS
D
MAX
I
′
2min
()
2
I
1
I
′
2min
1
3
---
I
2
1
∆
⋅
+
⋅
∆
+
⎝⎠
⎛⎞
⋅
=
I
1totRMS
I
RMSdiodeR
n
-----------------------------
2.75 A
=
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com