Electronic Components Datasheet Search
  English  ▼

X  

AN2623 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2623
Description  Evaluation board for off-line forward converter based on L5991
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2623 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2623 Datasheet HTML 8Page - STMicroelectronics AN2623 Datasheet HTML 9Page - STMicroelectronics AN2623 Datasheet HTML 10Page - STMicroelectronics AN2623 Datasheet HTML 11Page - STMicroelectronics AN2623 Datasheet HTML 12Page - STMicroelectronics AN2623 Datasheet HTML 13Page - STMicroelectronics AN2623 Datasheet HTML 14Page - STMicroelectronics AN2623 Datasheet HTML 15Page - STMicroelectronics AN2623 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Design circuit
AN2623
12/25
Considering that for the L5991 the maximum allowed voltage value at the current sense (IS,
pin n°13) is 1 V, it is possible to determine the value of the current sense resistor (R9 in
Figure 4):
Equation 32
where I1totpeak is the peak value of i1tot(t) .
The maximum turn ratio k between primary and reset winding, as known in technical
literature, in order to achieve the complete demagnetization of the transformer is the
following:
Equation 33
Choosing
Equation 34
the necessary number of turns for reset winding is NR=41.The maximum reverse voltage
and average current of reset diode are given by (IAVE-1°magn is the magnetizing average
current of the primary side):
Equation 35
Equation 36
The Bipolar ultrafast diode STTH110 was chosen. Concerning the MOSFET the maximum
drain voltage is:
Equation 37
with VdropReset as the voltage drop in the reset diode. The max rms drain current is:
Equation 38
so the Zener-protected SuperMESH Power Mosfet STW12NK90Z was chosen. Calculating
the estimated total MOSFET power losses, it is easy to concludethat a substantial heatsink
(around Rth≤5 °C/W) is necessary.
R
9
1
I
1totpeak
----------------------
0.23
Ω
=
=
k
max
1D
max
–
D
max
-----------------------
k
max
1
=
⇒
=
k
N
R
N
1
-------
0.96
=
=
V
REV
R
–
V
DCmax
kV
DCmax
806 V
=
+
⋅
=
I
AVE
R
–
I
AVE
1
° magn
–
k
-----------------------------------
0.11 A
=
=
V
drainMax
V
dcMax
V
dropReset
–
()
1
k
---
⎝⎠
⎛⎞ V
dcMax
838V
=
+
⋅
=
I
drainRMS
I
tot1RMS
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com