Electronic Components Datasheet Search
  English  ▼

X  

AN2644 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 32Page - STMicroelectronics AN2644 Datasheet HTML 33Page - STMicroelectronics AN2644 Datasheet HTML 34Page - STMicroelectronics AN2644 Datasheet HTML 35Page - STMicroelectronics AN2644 Datasheet HTML 36Page - STMicroelectronics AN2644 Datasheet HTML 37Page - STMicroelectronics AN2644 Datasheet HTML 38Page - STMicroelectronics AN2644 Datasheet HTML 39Page - STMicroelectronics AN2644 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
The LLC resonant half-bridge converter
AN2644
36/64
Remarks
1.
In the below-resonance capacitive mode operation, since current is continuously
flowing on the secondary side, this is a CCM mode (as already stated, it corresponds to
the CCMB mode defined in [3].
2.
The physical reason of this CCMB operation is, as previously pointed out, the large
voltage developed across the resonant capacitor. A large energy level must be
circulating in the tank circuit and this is consistent with R<Rcrit condition in order for the
capacitive mode to take place. Capacitive operating mode is then likely to occur under
heavy load, overload or short circuit conditions and appropriate countermeasures must
be taken to handle this.
3.
Note that in all the inductive modes the absolute value of the switched currents (i.e. the
current IR when either power MOSFET is switched off) is always greater than (in CCM
mode above resonance) or equal to (in all DCM modes) the current I(Lp). In the
capacitive mode, instead, the absolute value of the switched currents is lower than that
in Lp. This consideration is useful when analyzing the transitions of the node HB.
4.
Unlike the other modes, in capacitive mode the secondary rectifiers D1 and D2 start
conducting during the conduction period of Q2 and Q1, respectively. The initial current
is zero and its di/dt is low, thus they have a soft turn-on. Also in this case the voltage
across the secondary rectifiers reverses as a result of their currents going to zero.
Then, ZCS is maintained even under these conditions and it is possible to conclude
that the secondary rectifiers are soft-switched at both turn-on and turn-off under all
operating conditions and that this property is inherent in the topology. In fact no
assumption has been made about the tank circuit's parameters.
Figure 23.
No-load operation (cutoff): main waveforms
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
t
0
t
1
t
2
t
4
t
5
t
3
Q1 OFF
Q2 ON
Q1 ON
Q2 OFF
t
6
Q1 ON
Q2 OFF
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
t
0
t
0
t
1
t
1
t
2
t
2
t
4
t
4
t
5
t
5
t
3
t
3
Q1 OFF
Q2 ON
Q1 ON
Q2 OFF
t
6
t
6
Q1 ON
Q2 OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com