Electronic Components Datasheet Search
  English  ▼

X  

AN2644 Datasheet(PDF) 50 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 46Page - STMicroelectronics AN2644 Datasheet HTML 47Page - STMicroelectronics AN2644 Datasheet HTML 48Page - STMicroelectronics AN2644 Datasheet HTML 49Page - STMicroelectronics AN2644 Datasheet HTML 50Page - STMicroelectronics AN2644 Datasheet HTML 51Page - STMicroelectronics AN2644 Datasheet HTML 52Page - STMicroelectronics AN2644 Datasheet HTML 53Page - STMicroelectronics AN2644 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
Resonant transitions of half-bridge midpoint
AN2644
50/64
Appendix B
Resonant transitions of half-bridge midpoint
To analyze the transitions of the half-bridge midpoint node HB when either Q1 or Q2 is
turned off, it is necessary to schematize the equivalent circuit during the transient. For
simplicity only the turn-off of Q2 will be considered, being obvious that the turn-off of Q1 will
be exactly mirror-symmetrical. Different circuits need to be considered, depending on
whether the converter is operated in a DCM mode or a CCM mode. These equivalent
circuits are shown in Figure 30.
Figure 30.
Equivalent circuit to analyze the transitions of the half-bridge midpoint
node when Q2 turns off
In fact, in the case of DCM operation, since the secondary windings are open, Lp is part of
the circuit and is effectively in series to Ls to form a single inductor Ls+Lp. In CCM
operation, instead, since the secondary windings are conducting there is a constant voltage
equal to ±a·(Vout+VF) across Lp and then this can be replaced by a voltage generator
(placed as shown in Figure 30 in the case under consideration). In either circuit, Q2 is
replaced by an ideal switch that opens at t=0.
Resonant tanks are again involved during the transitions, hence the denomination "resonant
transitions" given to the swings of the node HB. Considering the operation of the LLC
resonant converter in its entirety, then, there are four associated resonant frequencies.
CHB is the total parasitic capacitance of the node HB already discussed in Section 2.2: The
switching mechanism and illustrated in Figure 8 and that will be the topic of the next section.
Note that during the transient Cr and CHB are effectively in series. However, since normally
Cr>>CHB (typically, two orders of magnitude), the combined capacitance will be ≈CHB and
the changes of the VC voltage during the transient can be neglected, so that it is possible to
assume VC = VC(0) during the transient and replace Cr with a constant voltage generator
VC(0).
The value of VC(0) can be determined on the basis of the following considerations. The
value of at the end of the conduction cycle of Q1, VC(Ts/2), is given by:
Equation 26
t = 0
ON
OFF
t = 0
ON
OFF
a·(Vout+V
F)
VLs
VC
VHB
VHB
VC
VL
Cr
Cr
Ls
Ls
Lp
C
HB
C
HB
IR
IR
DCM operation
CCM operation
t = 0
ON
OFF
t = 0
ON
OFF
a·(Vout+V
F)
VLs
VC
VHB
VHB
VC
VL
Cr
Cr
Ls
Ls
Lp
C
HB
C
HB
IR
IR
t = 0
ON
OFF
t = 0
ON
OFF
t = 0
ON
OFF
a·(Vout+V
F)
VLs
VC
VC
VHB
VHB
VHB
VHB
VC
VC
VL
VL
Cr
Cr
Ls
Ls
Lp
C
HB
C
HB
IR
IR
IR
IR
DCM operation
CCM operation
V
C
Ts
2
-------
⎝⎠
⎛⎞
V
C 0
()
1
Cr
------
I
R t
() t
d
0
Ts
2
-------
∫
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com