Electronic Components Datasheet Search
  English  ▼

X  

AN2644 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 34Page - STMicroelectronics AN2644 Datasheet HTML 35Page - STMicroelectronics AN2644 Datasheet HTML 36Page - STMicroelectronics AN2644 Datasheet HTML 37Page - STMicroelectronics AN2644 Datasheet HTML 38Page - STMicroelectronics AN2644 Datasheet HTML 39Page - STMicroelectronics AN2644 Datasheet HTML 40Page - STMicroelectronics AN2644 Datasheet HTML 41Page - STMicroelectronics AN2644 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
The LLC resonant half-bridge converter
AN2644
38/64
intuitive that the impedance of the Ls-Cr resonant tank plays a key role. Note that this
impedance becomes zero at f = fR1. Two cases will be considered:
1.
The converter always works above resonance (some means is provided to bottom-limit
the operating frequency at a value fm > fR1). The control loop, in the attempt to keep the
output voltage regulated, will reduce the switching frequency to the minimum value fm.
In this case the converter still operates in the inductive region (CCM submode) and
ZVS is ensured. However, the impedance of the Ls-Cr tank circuit can be very low and
then the current Iin can reach very high values, the closer the minimum frequency to
fR1 is, the lower the impedance and the higher the current will be.
2.
The converter can operate below resonance (some means is provided to bottom-limit
the operating frequency at a value fm such that fR2 < fm < fR1). Again, the control loop,
in the attempt to keep the output voltage regulated, will reduce the switching frequency
to the minimum value fm. In this case, the input current will be limited by the impedance
of the Ls-Cr tank circuit at a value that is as lower as fm is lower. However the capacitive
region is entered and ZVS is lost, with all the consequent troubles previously
mentioned. The waveforms will be similar to those in Figure 22.
It is interesting to see what happens under short circuit if the converter is operating at
resonance (f = fR1). Tank circuit's impedance is zero, then the short circuit is directly
connected across the input source and the current Iin is theoretically unlimited.
Theoretically, switching frequency should not change (the system is working in the load-
independent point). In real-world operation, Iin, though reaching very high values, will be
limited by the parasitic resistance of the short-circuit mesh, the ESR of Cr and by
transformer's nonidealities. Additionally, the drop across the secondary rectifiers does not
reflect a true short circuit on the primary side. Because of the parasitic resistances, the
output voltage will drop and the control loop will react pushing the operating frequency to the
minimum fm, which, realistically, must be lower than fR1 if operation at resonance is allowed.
In the end this will fall into case 2.
Still with reference to case 2, it is worth remembering that the capacitive region is entered
and ZVS for MOSFETs is lost as
, well before short circuit.
From the above analysis it is possible to draw the following conclusions:
1.
Two major issues arise under overload or short circuit conditions: very high current
levels, and capacitive mode operation (with loss of ZVS, etc.). This makes the operation
of the LLC resonant converter under overload or short circuit inherently unsafe if no
overcurrent protection (OCP) is used, just like in conventional PWM-controlled
converters. OCP will have to prevent not only the tank current from exceeding unsafe
Figure 24.
Circuit's equivalent schematic
under: no-load conditions
Figure 25.
Circuit's equivalent schematic
under: short-circuit conditions
Vin
Ls
Lp
a:1
Vout
a·Vout
Vin
Vin
Ls
Lp
a:1
Vout
Vout
a·Vout
a·Vout
Cr
Ls
Vin
Iin
Cr
Ls
Vin
Iin
R
crit
Zo
0
Zo∞
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com