Electronic Components Datasheet Search
  English  ▼

X  

AN2683 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2683
Description  Compact dual output point of load converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2683 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2683 Datasheet HTML 4Page - STMicroelectronics AN2683 Datasheet HTML 5Page - STMicroelectronics AN2683 Datasheet HTML 6Page - STMicroelectronics AN2683 Datasheet HTML 7Page - STMicroelectronics AN2683 Datasheet HTML 8Page - STMicroelectronics AN2683 Datasheet HTML 9Page - STMicroelectronics AN2683 Datasheet HTML 10Page - STMicroelectronics AN2683 Datasheet HTML 11Page - STMicroelectronics AN2683 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Circuit description
AN2683
8/38
As a starting point for the value of the inductors we look at the full load current (Ifl) for each
output and let the inductor ripple (Ir) current equal 20 to 30 percent of it. For this design a
value of 30 percent is used.
Ir = Ifl * 0.3
for
●
Output 1: Ir = 0.75 A
●
Output 2: Ir = 3.15 A
Then the values of the inductors are calculated using the formula:
Equation 1:
where Vin is the nominal input voltage, Vout the output voltage and fsw the switching
frequency.
So for input 1:
Equation 2
and for output 2:
Equation 3
The output filter capacitors are roughly approximated so that the change in output voltage
(
∆Vout) during a positive load transient (load is reduced) is minimized. For this design an
output voltage change of two to three percent of the total output voltage is considered
acceptable. The formula used is:
Equation 4
L
V
in
V
out
–
f
sw
I
r
⋅
-------------------------
V
out
V
in
-----------
⋅
=
L
12
1.8
–
300kHz
0.75
⋅
----------------------------------------
1.8
12
--------
6.8
µH
=
⋅
=
L
12
1
–
400kHz
3.15
⋅
----------------------------------------
12
1
------
0.7
µH
=
⋅
=
C
LI
fl
()2
⋅
2V
in
V
out
–
() Λ V
out
⋅⋅
----------------------------------------------------------------
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com