Electronic Components Datasheet Search
  English  ▼

X  

AN2683 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2683
Description  Compact dual output point of load converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2683 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2683 Datasheet HTML 29Page - STMicroelectronics AN2683 Datasheet HTML 30Page - STMicroelectronics AN2683 Datasheet HTML 31Page - STMicroelectronics AN2683 Datasheet HTML 32Page - STMicroelectronics AN2683 Datasheet HTML 33Page - STMicroelectronics AN2683 Datasheet HTML 34Page - STMicroelectronics AN2683 Datasheet HTML 35Page - STMicroelectronics AN2683 Datasheet HTML 36Page - STMicroelectronics AN2683 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
AN2683
Functional testing
33/38
where:
●
Top trace - L1 current 0.5 A/division
●
Bottom trace - output voltage 50 mV/division
4.4
Output current limit
Each output was loaded to its maximum rated load level. The load was increased in 10%
increments of the maximum rated load until the overcurrent limiting functioned. The level
was recorded.
After the overcurrent limit functioned, the load level was adjusted back the maximum rated
level and the input power was shut off and reapplied. The outputs resumed to normal
operation.
4.5
Output short circuit
Each output in turn was loaded to its maximum rated load level. A short was then applied to
the output at which time the overcurrent protection functioned. The opposite output
remained running. The short was then removed and the output remained latched off. The
input power was removed and then reapplied. The output resumed normal function. With
input power removed, each output in turn was shorted. Then input power was applied. The
shorted output's current limiting function operated while the non-shorted output ran
normally. The short was then removed and the input power was recycled. The output
resumed normal function.
4.6
Input under voltage lockout
With each output loaded to its nominal load level the input voltage was slowly increased
from 0 to 6 VDC and the output voltages were recorded. The input voltage was then slowly
increased from 6 to 8 VDC and the output voltages were recorded. The voltage at which the
device turns on is adjusted by the voltage divider consisting of R17 and R18 connected to
the SHDN pin(5). The typical turn-on threshold is 1.35 VDC and the device typically shuts
down with 0.85 VDC on the pin.
Table 8.
1.0 VDC output
Percent of maximum load (A)
130% (13.65)
Table 9.
1.8 VDC output
Percent of maximum load (A)
130% (3.25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com