Electronic Components Datasheet Search
  English  ▼

X  

AN2683 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2683
Description  Compact dual output point of load converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2683 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2683 Datasheet HTML 10Page - STMicroelectronics AN2683 Datasheet HTML 11Page - STMicroelectronics AN2683 Datasheet HTML 12Page - STMicroelectronics AN2683 Datasheet HTML 13Page - STMicroelectronics AN2683 Datasheet HTML 14Page - STMicroelectronics AN2683 Datasheet HTML 15Page - STMicroelectronics AN2683 Datasheet HTML 16Page - STMicroelectronics AN2683 Datasheet HTML 17Page - STMicroelectronics AN2683 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Circuit description
AN2683
14/38
for output 2:
Equation 24
With fz established the stability of the system needs to be verified. The system is stable if the
switching frequency (fsw) is greater than 4 times the corner frequency (fz) of Cout; fsw > fz x 4.
for output 1:
Equation 25
Equation 26
for output 2:
Equation 27
Equation 28
The value of Cint is actually computed three different ways. The maximum value that results
from the computations is the value that should be used. In the formulas for calculating Cint
the following constants are used: gm = 50
µs (the transconductance of the integrator
amplifier); k = 4; Vr = 0.9 V (internal reference voltage).
1
2
π 247µF 15.54mΩ
⋅⋅
---------------------------------------------------------------
41.46kHz
=
50.56kHz
4
202.2kHz
=
⋅
202.2kHz
300kHz
<
OK
41.46kHz
4
⋅
165.8kHz
=
165.8kHz
400kHz
<
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com