Electronic Components Datasheet Search
  English  ▼

X  

AN2782 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 12Page - STMicroelectronics AN2782 Datasheet HTML 13Page - STMicroelectronics AN2782 Datasheet HTML 14Page - STMicroelectronics AN2782 Datasheet HTML 15Page - STMicroelectronics AN2782 Datasheet HTML 16Page - STMicroelectronics AN2782 Datasheet HTML 17Page - STMicroelectronics AN2782 Datasheet HTML 18Page - STMicroelectronics AN2782 Datasheet HTML 19Page - STMicroelectronics AN2782 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Designing a fixed off-time PFC
AN2782
16/39
Doc ID 14763 Rev 2
4.3.5
Power MOSFET selection and the dissipation
The selection of the MOSFET concerns mainly its RDS(on), which depends on the output
power (10), since the breakdown voltage is fixed just by the output voltage (11), plus the
overvoltage allowed (15) and a safety margin (20%).
Thus, a voltage rating of 500 V (1.2 · Vout = 480 V) is selected. Using its current rating as a
rule of thumb, we can select a device having ~ 3 times the RMS switch current (29) but, the
power dissipation calculation gives the final confirmation that the selected device is the right
one for the circuit also taking into account the heat sink dimensions. In this 400 W TM PFC
application two parallel STP12NM50 MOSFETs have been selected in order to support the
high inductor current.
The MOSFET's power dissipation depends on conduction, switching and capacitive losses.
The conduction losses at maximum load and minimum input voltage are calculated by:
Because normally in the datasheets the RDS(on) is given at ambient temperature (25 °C) to
calculate correctly the conduction losses at 100°C (typical MOSFET junction operating
temperature), a factor of 1.75 to 2 should be taken into account. The exact factor can be
found in the device datasheet.
Now, the conduction losses referred to as 1
Ω R
DS(on) at ambient temperature as a function
of Pin and VAC can be calculated, combining equations (42) and (29):
The switching losses due to the MOSFET current-voltage IMOS, VMOS crossing occurs at
turn-on and turnoff because of the FOT operation and can be basically expressed by:
Because the switching frequency depends on the input line voltage and on the position on
the sinusoidal waveform, it can be demonstrated that from (44) the switching losses per 1 µs
of current rise and fall time can be written as:
From the selected MOSFET datasheet trise = tfall = 0.01 µs is the crossover time at turn-on
and off.
At turn-on the losses are due to the discharge of the total drain capacitance inside the
MOSFET itself.
(42)
(43)
(44)
(45)
(
)2
rms
)
on
(
DS
cond
)
VAC
(
ISW
R
)
VAC
(
P
⋅
=
2
out
in
2
rms
cond
3
)
VAC
(
k
16
2
V
)
VAC
(
k
P
2
))
VAC
(
ISW
(
2
)
VAC
(
P
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
π
⋅
−
⋅
⋅
⋅
=
⋅
=
′
)
VAC
(
f
2
t
t
I
V
)
VAC
(
P
sw
fall
rise
MOS
MOS
switch
⋅
⎟
⎠
⎞
⎜
⎝
⎛
+
⋅
⋅
=
()
∫
π
ϑ
⋅
θ
⋅
ϑ
π
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
Δ
−
⋅
=
′
0
sw
2
pk
max
pk
out
switch
d
)
,
VAC
(
f
sin
1
2
IL
IL
V
)
VAC
(
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com