Electronic Components Datasheet Search
  English  ▼

X  

AN2782 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 30Page - STMicroelectronics AN2782 Datasheet HTML 31Page - STMicroelectronics AN2782 Datasheet HTML 32Page - STMicroelectronics AN2782 Datasheet HTML 33Page - STMicroelectronics AN2782 Datasheet HTML 34Page - STMicroelectronics AN2782 Datasheet HTML 35Page - STMicroelectronics AN2782 Datasheet HTML 36Page - STMicroelectronics AN2782 Datasheet HTML 37Page - STMicroelectronics AN2782 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Test results and significant waveforms
AN2782
34/39
Doc ID 14763 Rev 2
For user reference, waveforms of the input current and voltage at the nominal input voltage
mains and different load conditions are shown in Figure 32 through Figure 37.
Figure 32.
EVL6562A-400W: input current
waveform at 100 V - 50 Hz - 400 W
load
Figure 33.
EVL6562A-400W: input current
waveform at 230 V -50 Hz - 400 W
load
Figure 34.
EVL6562A-400W: input current
waveform at 100 V - 50 Hz - 200 W
load
Figure 35.
EVL6562A-400W: input current
waveform at 230 V - 50 Hz - 200 W
load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com