Electronic Components Datasheet Search
  English  ▼

X  

AN2782 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN2782
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2782 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN2782 Datasheet HTML 31Page - STMicroelectronics AN2782 Datasheet HTML 32Page - STMicroelectronics AN2782 Datasheet HTML 33Page - STMicroelectronics AN2782 Datasheet HTML 34Page - STMicroelectronics AN2782 Datasheet HTML 35Page - STMicroelectronics AN2782 Datasheet HTML 36Page - STMicroelectronics AN2782 Datasheet HTML 37Page - STMicroelectronics AN2782 Datasheet HTML 38Page - STMicroelectronics AN2782 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
L6562A layout hints
AN2782
36/39
Doc ID 14763 Rev 2
8
L6562A layout hints
The layout of any converter is a very important phase in the design process that sometimes
does not get enough attention from the engineers. Even if it the layout phase sometimes
looks time-consuming, a good layout does indeed save time during the functional debugging
and the qualification phases. Additionally, a power supply circuit with a correct layout needs
smaller EMI filters or less filter stages which allows consistent cost savings.
The L6562A does not need any special attention to the layout, simply the general layout
rules for any power converter must be carefully applied. Basic rules are listed below which
can be used for other PFC circuits having any power level, working either in TM or with an
FOT-control mode.
1.
Keep power and signal RTN separated. Connect the return pins of components
carrying high current such as input capacitors, sense resistors, or output capacitors as
close as possible. This point is the RTN star point. A downstream converter or ballast
must be connected to this return point.
2.
Minimize the length of the traces relevant to the boost inductor, boost rectifier and
output capacitor.
3.
Keep signal components as close as possible to the L6562A pins. Specifically, keep the
tracks relevant to pin #1 (INV) net as short as possible. Components and traces
relevant to the error amplifier have to be placed far from traces and connections
carrying signals with high dv/dt like the MOSFET drain.
4.
Connect heat sinks to power GND.
5.
Place an external copper shield around the boost inductor and connect it to power
GND.
6.
Please connect the RTN of signal components including the feedback and MULT
dividers close to the L6562A pin #6 (GND).
7.
Connect a ceramic capacitor (100÷470 nF) to pin #8 (Vcc) and to pin #6 (GND), close
to the L6562A. Connect this point to the RTN star point 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com