Electronic Components Datasheet Search
  English  ▼

X  

UM0377 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0377
Description  This software offers a straightforward step-by-step procedure for designing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0377 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0377 Datasheet HTML 3Page - STMicroelectronics UM0377 Datasheet HTML 4Page - STMicroelectronics UM0377 Datasheet HTML 5Page - STMicroelectronics UM0377 Datasheet HTML 6Page - STMicroelectronics UM0377 Datasheet HTML 7Page - STMicroelectronics UM0377 Datasheet HTML 8Page - STMicroelectronics UM0377 Datasheet HTML 9Page - STMicroelectronics UM0377 Datasheet HTML 10Page - STMicroelectronics UM0377 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UM0377
Glossary
9/11
Usually DCM is preferred to CCM due to the following characteristics:
better system stability and closed loop response
lower switching losses in the switch and free-wheeling diode
smaller size and lower price of the output inductor
The disadvantages of DCM over CCM are:
higher peak currents, which increase the stress on the power devices and
decrease system reliability;
lower output current capability (in DCM the max output current is half of the
VIPer12A-E or VIPer22A-E peak current.)
For a given output current, the operating mode of the converter moves from CCM to DCM if:
output inductance value is decreased
output power is decreased
input voltage is increased
In order to avoid system instability, the duty cycle must be kept lower than 50% when
operating in CCM.
Input ripple:
The input bulk capacitor Cin, along with the input diode rectifier, converts the AC mains
voltage at line frequency fL to an unregulated DC bus, Vin, which is the input voltage for the
downstream converter. This voltage features a line frequency ripple superimposed over its
DC level, as shown in Figure 9:
Figure 9.
Input voltage ripple
In order for the converter to operate correctly, the Cin must be large enough to make the
ripple very low. An excessively low value of the minimum input voltage could greatly
increase the power dissipation because of the high RMS current flowing through the Power
MOSFET.
A typical value of the input voltage peak to peak amplitude is 25-30%.
Hold - up cycles:
The hold up requirement in power supply converters is the capability to regulate the output
voltage even when main voltage cycles are missing. This is usually specified in terms of
missing cycles (NH). For example, if NH = 1, the power converter must be able to sustain the



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com