Electronic Components Datasheet Search
  English  ▼

X  

UM0377 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0377
Description  This software offers a straightforward step-by-step procedure for designing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0377 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0377 Datasheet HTML 3Page - STMicroelectronics UM0377 Datasheet HTML 4Page - STMicroelectronics UM0377 Datasheet HTML 5Page - STMicroelectronics UM0377 Datasheet HTML 6Page - STMicroelectronics UM0377 Datasheet HTML 7Page - STMicroelectronics UM0377 Datasheet HTML 8Page - STMicroelectronics UM0377 Datasheet HTML 9Page - STMicroelectronics UM0377 Datasheet HTML 10Page - STMicroelectronics UM0377 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Revision history
UM0377
10/11
output regulation even if one main voltage cycle is missing. The value of NH will also have
an impact on the size of the input capacitor, which will be much bigger than the case where
NH = 0.
If the expected ripple across the Cin is 25-30% after one missing cycle, during normal
operation (no cycles missing) the input voltage ripple will be much less.
●
Output ripple:
The output ripple is the peak to peak amplitude of the output voltage of the converter. It
includes two frequency components: the main line frequency (fL) and the VIPer switching
frequency (fSW).
The output ripple depends on the equivalent series resistor (ESR) of the output capacitor
and on the power stage output current
7
Revision history
Table 1.
VIPer power capability (1)
1.
See datasheet for further details
VIPer12AS-E
VIPer12ADIP-E
VIPer22AS-E
VIPer22ADIP-E
195-265 Vac
8 W
13 W
12 W
20 W
85-265 Vac
5 W
8 W
7 W
12 W
Table 2.
Revision history
Date
Revision
Changes
24-Jan-2007
1
First issue
28-Mar-2007
2
Minor text change



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com