Electronic Components Datasheet Search
  English  ▼

X  

UM0377 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0377
Description  This software offers a straightforward step-by-step procedure for designing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0377 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0377 Datasheet HTML 1Page - STMicroelectronics UM0377 Datasheet HTML 2Page - STMicroelectronics UM0377 Datasheet HTML 3Page - STMicroelectronics UM0377 Datasheet HTML 4Page - STMicroelectronics UM0377 Datasheet HTML 5Page - STMicroelectronics UM0377 Datasheet HTML 6Page - STMicroelectronics UM0377 Datasheet HTML 7Page - STMicroelectronics UM0377 Datasheet HTML 8Page - STMicroelectronics UM0377 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UM0377
AC/DC input - step 3
5/11
3
AC/DC input - step 3
Figure 3.
Input voltage window
3.1
Operations
1.
Input voltage range selection:
110 V range
230 V range
Full range
2.
Input ripple selection
3.
Hold-up cycles selection
4.
Line frequency selection: 50 or 60 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com