Electronic Components Datasheet Search
  English  ▼

X  

UM0452 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0452
Description  Temperature sensor evaluation board
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0452 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0452 Datasheet HTML 8Page - STMicroelectronics UM0452 Datasheet HTML 9Page - STMicroelectronics UM0452 Datasheet HTML 10Page - STMicroelectronics UM0452 Datasheet HTML 11Page - STMicroelectronics UM0452 Datasheet HTML 12Page - STMicroelectronics UM0452 Datasheet HTML 13Page - STMicroelectronics UM0452 Datasheet HTML 14Page - STMicroelectronics UM0452 Datasheet HTML 15Page - STMicroelectronics UM0452 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
USB power/GUI mode of evaluation board
UM0452
12/30
date are configured in the RTC using GUI, the RTC keeps the time and date record. This
time and date is displayed on the LCD at each powering sequence.
3.5
Sequence of operation of evaluation board in standalone
mode
To use the board in standalone mode follow these steps:
●
Place the temperature sensor in socket 1 (TS1) or socket 2 (TS2).
●
Configure the address lines of TS1 and TS2 accordingly.
●
Adjust the power selection switch (S1) to select the external power supply.
●
Plug in the power adapter to the board and switch on the supply.
●
Press the reset button (S2) on the board.
●
The application starts running. Temperature and time are displayed on the LCD.
Note:
If the address configuration is not done as mentioned in Section 3.2, an ADDR.ERROR
message on the LCD appears, in which case, reconfigure the board for the correct address
and then press the reset button (S2).
If the addresses are correctly configured but there is no device in the socket, an error
message on the LCD appears as "DEVICE ERR.", in which case, place the device in the
socket, configure the address lines and then press the reset button to start the application.
4
USB power/GUI mode of evaluation board
The second mode of operation of the Temperature sensor board uses GUI through a USB
connection. In this mode if GUI is not connected, then the board functions as a mass
storage device and appears as a removable drive on computer. To use the board in
temperature sensor mode we connect it to the computer using the USB cable and
communicate with GUI using the USB communication protocol. GUI is used to configure the
temperature sensor registers and to explore all the features of the temperature sensor.
4.1
Getting started
Run the GUI setup (.exe) file to install GUI on the host system.
To install the GUI, the user should have administrative rights, as the setup overwrites files
(.dll) in the system folder that are protected using administrative rights. If the user does not
have administrative rights, this GUI cannot be installed (error message: 0x80040707
appears). Open up the temperature sensor GUI by clicking on the GUI icon which opens the
GUI window as shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com