Electronic Components Datasheet Search
  English  ▼

X  

UM0452 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0452
Description  Temperature sensor evaluation board
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0452 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0452 Datasheet HTML 21Page - STMicroelectronics UM0452 Datasheet HTML 22Page - STMicroelectronics UM0452 Datasheet HTML 23Page - STMicroelectronics UM0452 Datasheet HTML 24Page - STMicroelectronics UM0452 Datasheet HTML 25Page - STMicroelectronics UM0452 Datasheet HTML 26Page - STMicroelectronics UM0452 Datasheet HTML 27Page - STMicroelectronics UM0452 Datasheet HTML 28Page - STMicroelectronics UM0452 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
UM0452
Behavior of LEDS and buzzer
25/30
5.2
Application LEDs
There are three application specific LEDs on the board:
1.
I2C LED: This is a green LED (I2C) which blinks whenever there is an I2C
communication occurring in the application.
Note:
The temperature sensor and RTC are I2C based devices.
2.
Alarm LED: This is a red LED (ALARM) which lights up in accordance with the OS
output signal of the TS1 sensor. The behavior of the OS output signal is explained in
Oversaturation alarm in Section 4.3.7: Alarms.
Note:
When TS1 is not selected, this LED (ALARM) lights up continuously and the alarm LED for
the OS output of TS2 is shown by BUZZ LED.
3.
Buzzer LED: This LED lights up whenever there is a buzzer alarm from TS2.
5.3
Buzzer
There is one buzzer present on the board. This buzzer is attached to the temperature sensor
2 (TS2, TSSOP-8) package.
The operation of the buzzer depends on the polarity set in the configuration register:
●
If the polarity selected in the configuration register is LOW then :
a)
Default state: buzzer sounds
b)
Temperature rises above oversaturation temperature (Tos): buzzer goes OFF
c)
Temperature falls below Thys: buzzer sounds
●
If the polarity selected in the configuration register is HIGH, then:
a)
Default state: buzzer OFF
b)
Temperature rises above Tos: buzzer sounds
c)
Temperature falls below Thys: buzzer OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com