Electronic Components Datasheet Search
  English  ▼

X  

UM0452 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0452
Description  Temperature sensor evaluation board
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0452 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0452 Datasheet HTML 20Page - STMicroelectronics UM0452 Datasheet HTML 21Page - STMicroelectronics UM0452 Datasheet HTML 22Page - STMicroelectronics UM0452 Datasheet HTML 23Page - STMicroelectronics UM0452 Datasheet HTML 24Page - STMicroelectronics UM0452 Datasheet HTML 25Page - STMicroelectronics UM0452 Datasheet HTML 26Page - STMicroelectronics UM0452 Datasheet HTML 27Page - STMicroelectronics UM0452 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Behavior of LEDS and buzzer
UM0452
24/30
10. In order to see the previously stored graphs, click on the folder icon in the toolbar and
open the .tsg file to view.
11. If the user wants the graph to be plotted as soon as the data logging is stopped, then
the checkbox "Receive Data After Logging" should be checked before starting the data
logging (that is, before clicking the PLAY button)
12. Checking the "Overwrite NAND Flash" overwrites the data in NAND Flash in the event
that all 100 KB is used, in which case the user loses the previously stored data.
Figure 18.
Plotter window with NAND mode
5
Behavior of LEDS and buzzer
There are a totalof five LEDs present on the board.
–
Two power status LEDs
–
Three application status LEDs
5.1
Power status LEDs
●
When the USB power is plugged in, the red power LED (USB) lights up.
●
When external power is plugged in, the green power LED (EXT) lights up.
Note:
This power LED is independent of the power switch position and only demonstrates which
power supply is plugged in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com