Electronic Components Datasheet Search
  English  ▼

X  

AN2507 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2507
Description  This application note explains the design of a FLASH LED driver using the STCF03 device
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2507 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2507 Datasheet HTML 13Page - STMicroelectronics AN2507 Datasheet HTML 14Page - STMicroelectronics AN2507 Datasheet HTML 15Page - STMicroelectronics AN2507 Datasheet HTML 16Page - STMicroelectronics AN2507 Datasheet HTML 17Page - STMicroelectronics AN2507 Datasheet HTML 18Page - STMicroelectronics AN2507 Datasheet HTML 19Page - STMicroelectronics AN2507 Datasheet HTML 20Page - STMicroelectronics AN2507 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
AN2507
Operation modes
17/31
5
Operation modes
5.1
SHUTDOWN mode
SHUTDOWN mode is entered after the Power-ON reset. This mode is mainly used to
decrease the power consumption of the device. During this mode, only the I2C interface is
alive. The only thing which can be done in SHUTDOWN mode is to access the COMMAND
register. Entering SHUTDOWN mode by writing to the COMMAND register aborts any
running operation and clears the values of the DIMMING, AUX_LED and STATUS registers.
The COMMAND register value is not affected by entering SHUTDOWN mode.
The following data must be written to the COMMAND register to enter SHUTDOWN mode.
5.2
SHUTDOWN mode with the NTC-feature activated
This mode is supported only in version A, which does not have any internal voltage
reference for the NTC feature. When this operation mode is activated, the microcontroller
can still monitor the NTC voltage through its A/D converter, while STCF03 remains in
SHUTDOWN mode and therefore saves power.
The following data must be written to the COMMAND register to enter SHUTDOWN mode +
NTC.
Table 2.
Accessibility of internal registers
Register
Address
Mode
SHUTDOWN
value
PowerON
reset value
SHUTDOWN
READY
TORCH
FLASH
COMMAND
00
Read / Write
Read / write
Read / write
Read / write
Untouched
Cleared
DIMMING
01
Inaccessible
Read / write
Read / write
Read / write
Cleared
Cleared
AUX_LED
02
Inaccessible
Read / write
Read / write
Read / write
Cleared
Cleared
STATUS
03
Inaccessible
Read only
Read only
Read only
Cleared
Cleared
Table 3.
COMMAND register data to enter SHUTDOWN mode (version B)
CMD_REG
PWR_ON
TRIG_EN
TCH_ON
NTC_ON
FTIM_3
FTIM_2
FTIM_1
FTIM_0
0x
x
x
x
x
x
x
MSB
LSB
Table 4.
COMMAND register data to enter SHUTDOWN mode (version A and C)
CMD_REG
PWR_ON
TRIG_EN
TCH_ON
NTC_ON
FTIM_3
FTIM_2
FTIM_1
FTIM_0
0x
x
0
x
x
x
x
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com