Electronic Components Datasheet Search
  English  ▼

X  

AN2507 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2507
Description  This application note explains the design of a FLASH LED driver using the STCF03 device
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2507 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2507 Datasheet HTML 20Page - STMicroelectronics AN2507 Datasheet HTML 21Page - STMicroelectronics AN2507 Datasheet HTML 22Page - STMicroelectronics AN2507 Datasheet HTML 23Page - STMicroelectronics AN2507 Datasheet HTML 24Page - STMicroelectronics AN2507 Datasheet HTML 25Page - STMicroelectronics AN2507 Datasheet HTML 26Page - STMicroelectronics AN2507 Datasheet HTML 27Page - STMicroelectronics AN2507 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Examples of register setup for each mode
AN2507
24/31
8
Examples of register setup for each mode
A device address 0x62 is used in all the example below. The STCF03 is configured to this
device address, if the ADD pin is connected to VBAT pin. In the demoboard the device
address is 0x60 because the ADD pin is connected to GND.
Note:
LED current values refer to RFL= 0.27 Ohm, RTR = 1.8 Ohm
8.1
Example 1: 600 mA FLASH with 700 ms duration
Let's suppose that RFL = 0.27 Ω. The targeted value of the FLASH current is 600 mA and the
FLASH duration should be 700 ms.
The reference voltage must be set to 160 mV to achieve a 600 mA FLASH current with a
0.27
Ω sensing resistor. The value of FDIM (4 bits) must be set to 0xD to set up the
reference voltage to 160 mV. (See Table 12)
The FLASH duration timer can be set to 100ms up to 1500 ms in 100ms increments. If the
desired FLASH duration is 700 ms the value FTIM (4 bits) must be set to 0x7.
Bit PWR_ON of the command register must be set to 1.
Bit TRIG_EN of the command register must be set to 1.
Bit TCH_ON of the command register must be set to 0.
Bit NTC_ON of the command register can be set to any value, because NTC is
automatically ON when the FLASH mode is active. Setting this bit to 0 will not switch off the
NTC.
Table 12.
TORCH mode and FLASH mode dimming registers settings
T_DIM
(hex)
0
1
2
345
6
7
89
A
B
C
D
E
F
F_DIM
(hex)
0
1
2
3
4
5
6
7
8
9
AB
C
D
EF
LED
current
[mA]
16
19
23
27
32
39
46
55
65
77
92
109
124
147
175 209
248
296
352
418 498 592 705
840
Internal
step
1
2
3
4
5
6
7
8
9
10
11
12
1314
15
16
17
1819
20
21
22
23
24
VREF1
[mV]
33
40
47
56
67
80
95
113
134
160
190
227
33
40
47
56
67
79
95
113 134 160 190
227
Sense
Resist.
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL RFL RFL RFL RFL RFL RFL RFL RFL RFL RFL RFL
Table 13.
COMMAND register data to enter FLASH mode
CMD_REG
PWR_ON
TRIG_EN
TCH_ON
NTC_ON
FTIM_3
FTIM_2
FTIM_1
FTIM_0
11
x
x
0
1
1
1
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com