Electronic Components Datasheet Search
  English  ▼

X  

AN2544 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2544
Description  Designing a low cost power supply using
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2544 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2544 Datasheet HTML 7Page - STMicroelectronics AN2544 Datasheet HTML 8Page - STMicroelectronics AN2544 Datasheet HTML 9Page - STMicroelectronics AN2544 Datasheet HTML 10Page - STMicroelectronics AN2544 Datasheet HTML 11Page - STMicroelectronics AN2544 Datasheet HTML 12Page - STMicroelectronics AN2544 Datasheet HTML 13Page - STMicroelectronics AN2544 Datasheet HTML 14Page - STMicroelectronics AN2544 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AN2544
Circuit operation
11/17
The VIPer internal 1 mA current source charges up the Vdd capacitor. When the voltage on
the Vdd pin reaches the Vdd startup threshold (Worse case is 13 V) the VIPer starts pulsing,
raising the output voltage to the point of bootstrapping. The Vdd capacitor needs to supply
the energy to supply the necessary output current and to charge up the output capacitor,
before the Vdd voltage falls below the Vdd under voltage shutdown threshold (worse case is
9 V). Figure 8 and 9 show a Vdd cap that is not large enough to start up the evaluation board
under a resistive load of 350 mA.
In Figure 8 the purple trace is the Vdd voltage rising to ~14 V. The energy with the 2.2 µF
capacitor does not store enough energy. As seen the output voltage (green trace) does not
reach high enough to bootstrap, It succeeds the second time after there is a partial charge
on the output cap. Figure 9 is using a 4.7 µF Vdd cap. With adequate energy the power
supply starts the first time.
1.7
Burst mode in no-load or very light load
At very light load, the on-time becomes so small that some pulses are skipped in order to
stay in regulation and meet energy requirements such as Blue Angel or Energy Star. This
mode is called burst mode. It skips as many cycles as needed to maintain regulation. In the
case below at no-load about 9 cycles are skipped to maintain an output.
Figure 8.
Bad start
Figure 9.
Good start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com