Electronic Components Datasheet Search
  English  ▼

X  

AN2544 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2544
Description  Designing a low cost power supply using
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2544 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2544 Datasheet HTML 9Page - STMicroelectronics AN2544 Datasheet HTML 10Page - STMicroelectronics AN2544 Datasheet HTML 11Page - STMicroelectronics AN2544 Datasheet HTML 12Page - STMicroelectronics AN2544 Datasheet HTML 13Page - STMicroelectronics AN2544 Datasheet HTML 14Page - STMicroelectronics AN2544 Datasheet HTML 15Page - STMicroelectronics AN2544 Datasheet HTML 16Page - STMicroelectronics AN2544 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Conclusion
AN2544
16/17
2
Conclusion
Using the VIPer in the buck mode has its benefits for appliances and other industrial
equipment which require a reference to neutral. For currents up to 350 mA and voltages
greater than 10 V, it is beneficial to use this inexpensive power supply. The cost savings
compared to a transformer, opto-coupler, and low parts count, makes this solution very
attractive.
3
Revision history
Figure 17.
VIPer22-E, 16 V at 350 mA output
Figure 18.
VIPer12-E, 16 V at 200 mA output
Table 7.
Document revision history
Date
Revision
Changes
06-Jul-2007
1
First issue
13-Sep-2007
2
– Note added in Section 1.9: Performance
– Minor text changes
21-Sep-2007
3
Modified: Figure 1
22-Nov-2007
4
Modified: the titles of Table 5-6 and the titles of Figure 15-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com