Electronic Components Datasheet Search
  English  ▼

X  

AN2544 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2544
Description  Designing a low cost power supply using
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2544 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2544 Datasheet HTML 9Page - STMicroelectronics AN2544 Datasheet HTML 10Page - STMicroelectronics AN2544 Datasheet HTML 11Page - STMicroelectronics AN2544 Datasheet HTML 12Page - STMicroelectronics AN2544 Datasheet HTML 13Page - STMicroelectronics AN2544 Datasheet HTML 14Page - STMicroelectronics AN2544 Datasheet HTML 15Page - STMicroelectronics AN2544 Datasheet HTML 16Page - STMicroelectronics AN2544 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Circuit operation
AN2544
14/17
12 V output load regulation for VIPer12-E and VIPer22A-E is shown in Figure 12.
Figure 12.
Load regulations for 12 V output
Line regulation shown at three different current levels: 100 mA, 200 mA, and 350 mA.
Figure 13.
Line regulation
Ripple
mv pp at 120 Vac
50
Blue Angel at no-load at 115 Vac in W
0.15
Short circuit
ok
Table 6.
VIPer12ADIP-E, 12 V at 200 mA (continued)
VIPer12 buck 12 V / 200 mA #1
Vin
12 V load
12 V
W in
Efficiency
Load regulation for 12V output
10
11
12
13
14
15
16
17
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
Load
V12 @12V
V22 @ 12V
Line regulation
11
11.2
11.4
11.6
11.8
12
12.2
12.4
12.6
12.8
13
80
130
180
230
Line Voltage
Vout @ 100ma
Vout @ 200ma
Vout @ 350ma



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com