Electronic Components Datasheet Search
  English  ▼

X  

AN2937 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 12Page - STMicroelectronics AN2937 Datasheet HTML 13Page - STMicroelectronics AN2937 Datasheet HTML 14Page - STMicroelectronics AN2937 Datasheet HTML 15Page - STMicroelectronics AN2937 Datasheet HTML 16Page - STMicroelectronics AN2937 Datasheet HTML 17Page - STMicroelectronics AN2937 Datasheet HTML 18Page - STMicroelectronics AN2937 Datasheet HTML 19Page - STMicroelectronics AN2937 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Jumper settings
AN2937
16/41
Doc ID 15418 Rev 1
9
Jumper settings
It is possible to select different operating conditions by using the jumpers.
Note:
Please notice that jumpers S6, S7, S8, S9, S10, S11, S12 and S13 are already soldered on
the demonstration board and do not need to be changed. Refer to the schematic in Figure 2
to check each connection.
9.1
Switching sections - operating modes
Table 3.
Jumper S1 SKIP (connect SKIP pin to S1)
Position
Operating mode of switching sections
GND
If the SKIP pin is tied to ground, a pulse-skip mode takes place at light loads. A zero-
crossing comparator prevents the inductor current from going negative.
VREF2
If the SKIP pin is tied to the VREF pin, a pulse-skip mode is enabled with a minimum
switching frequency about 25 kHz (ultrasonic mode).
VCC
If the SKIP pin is tied to 5 V, fixed PWM mode occurs. The switching output is in a
position to sink and source current from the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com