Electronic Components Datasheet Search
  English  ▼

X  

AN2937 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 30Page - STMicroelectronics AN2937 Datasheet HTML 31Page - STMicroelectronics AN2937 Datasheet HTML 32Page - STMicroelectronics AN2937 Datasheet HTML 33Page - STMicroelectronics AN2937 Datasheet HTML 34Page - STMicroelectronics AN2937 Datasheet HTML 35Page - STMicroelectronics AN2937 Datasheet HTML 36Page - STMicroelectronics AN2937 Datasheet HTML 37Page - STMicroelectronics AN2937 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Representative waveforms
AN2937
34/41
Doc ID 15418 Rev 1
11.2
Typical operating characteristics
11.2.1
OUT1 and OUT2 output efficiency vs. load current
Figure 24 and 25 show the efficiency versus load current in PWM mode, skip mode and no-
audible skip mode for different input voltage values:
●
Green: 7 V
●
Blue: 12 V
●
Red: 18 V
Figure 24.
Efficiency vs. load current; OUT1=5 V, TON=VCC
Figure 25.
Efficiency vs. load current; OUT2=3.3 V, TON=VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com