Electronic Components Datasheet Search
  English  ▼

X  

AN2937 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 32Page - STMicroelectronics AN2937 Datasheet HTML 33Page - STMicroelectronics AN2937 Datasheet HTML 34Page - STMicroelectronics AN2937 Datasheet HTML 35Page - STMicroelectronics AN2937 Datasheet HTML 36Page - STMicroelectronics AN2937 Datasheet HTML 37Page - STMicroelectronics AN2937 Datasheet HTML 38Page - STMicroelectronics AN2937 Datasheet HTML 39Page - STMicroelectronics AN2937 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Representative waveforms
AN2937
36/41
Doc ID 15418 Rev 1
11.2.3
OUT1 and OUT2 output voltage vs. load current
Figure 28 and 29 show the load regulation of the output voltages of the switching sections.
The output voltage is measured versus the load current. TON is connected to VCC.
Figure 28.
Output voltage vs. load current; OUT1=5 V, TON=VCC
Figure 29.
Output voltage vs. load current; OUT2=3.3 V, TON=VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com