Electronic Components Datasheet Search
  English  ▼

X  

AN2938 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2938
Description  Power system demonstration kit based on the PM6686 dual
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2938 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2938 Datasheet HTML 10Page - STMicroelectronics AN2938 Datasheet HTML 11Page - STMicroelectronics AN2938 Datasheet HTML 12Page - STMicroelectronics AN2938 Datasheet HTML 13Page - STMicroelectronics AN2938 Datasheet HTML 14Page - STMicroelectronics AN2938 Datasheet HTML 15Page - STMicroelectronics AN2938 Datasheet HTML 16Page - STMicroelectronics AN2938 Datasheet HTML 17Page - STMicroelectronics AN2938 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Recommended equipment
AN2938
14/39
Doc ID 15429 Rev 1
7
Recommended equipment
●
6 V to 28 V power supply, notebook battery or AC adapter
●
Active loads
●
Digital multimeters
●
500 MHz four-trace oscilloscope
8
Quick start
1.
Connect the VIN+ and VIN- test points of the demonstration board to an external 12 V
power supply.
2.
Ensure that all jumpers EN1, EN2 and EN_LDO are connected to GND. In this
condition all outputs are disabled (shutdown mode).
3.
Set jumper EN_LDO at input resistor divider (EN_LDO pin high). The LDO output
(LDOREFIN = GND) turns on (standby mode), providing a 5 V voltage.(a)
4.
Set jumper EN1 at VCC (EN1 pin high). The OUT1 switching controller brings its output
into regulation. The PG1 pin goes high after soft-start.
5.
Set jumper EN2 at VCC (EN2 pin high). The OUT2 switching controller brings its output
into regulation. The PG2 pin goes high after soft-start.
6.
In order to load the switching outputs, loads must be connected between the “+” and
the “-” output test points, respectively.
a.
In this setup, the VCC external supply is directly supplied by output LDO = 5 V. It is possible to disconnect LDO
from VCC by disconnecting jumper LDO5V_BYP: in this case VCC external supply is needed before
performing the “quick start” procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com