Electronic Components Datasheet Search
  English  ▼

X  

AN2938 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2938
Description  Power system demonstration kit based on the PM6686 dual
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2938 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2938 Datasheet HTML 26Page - STMicroelectronics AN2938 Datasheet HTML 27Page - STMicroelectronics AN2938 Datasheet HTML 28Page - STMicroelectronics AN2938 Datasheet HTML 29Page - STMicroelectronics AN2938 Datasheet HTML 30Page - STMicroelectronics AN2938 Datasheet HTML 31Page - STMicroelectronics AN2938 Datasheet HTML 32Page - STMicroelectronics AN2938 Datasheet HTML 33Page - STMicroelectronics AN2938 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Representative waveforms
AN2938
30/39
Doc ID 15429 Rev 1
11.1.3
Fault management: overvoltage and undervoltage
The PM6686 provides fault protection for the switching section against undervoltage and
overvoltage.
Figure 21 shows the undervoltage fault management. If, during regulation, the output
voltage drops below 70% of the nominal value, an undervoltage latched fault is detected.
The controller performs a soft-end procedure. The undervoltage fault is reset by toggling the
EN pin or by cycling the VIN (this action performs a power on reset [POR]).
Figure 21.
Undervoltage (UVP) protection management
The PM6686 provides latched overvoltage protection (OVP). If the output voltage rises
above the +111% typ. from the nominal value for section 1 and above the +116% typ. for
section 2, latched OVP protection is activated. The controller tries to pull down the output
voltage down to 0 V, working in PWM. The current is limited by the negative current limit.
The low side MOSFET is kept on when the output voltage is about 0 V. This management
prevents high negative undervoltage of the output rail that may damage the load (Figure 22).
If the EN signal is pulled low, the low side MOSFET is still high, keeping the output to ground
thus preventing any damage to the load if the cause of the overvoltage is still present
(Figure 23).
The protection is latched and this fault is cleared by toggling the EN pin of the section, or
cycling the VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com