Electronic Components Datasheet Search
  English  ▼

X  

AN2938 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2938
Description  Power system demonstration kit based on the PM6686 dual
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2938 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2938 Datasheet HTML 29Page - STMicroelectronics AN2938 Datasheet HTML 30Page - STMicroelectronics AN2938 Datasheet HTML 31Page - STMicroelectronics AN2938 Datasheet HTML 32Page - STMicroelectronics AN2938 Datasheet HTML 33Page - STMicroelectronics AN2938 Datasheet HTML 34Page - STMicroelectronics AN2938 Datasheet HTML 35Page - STMicroelectronics AN2938 Datasheet HTML 36Page - STMicroelectronics AN2938 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
AN2938
Representative waveforms
Doc ID 15429 Rev 1
33/39
11.2.2
OUT1 and OUT2 switching frequency vs. load current
Figure 26 and Figure 27 show the switching frequency versus load current in PWM mode,
skip mode, NA skip mode. TON is connected to VCC.
Figure 26.
Switching frequency vs. load _OUT1 = 5 V TON = VCC
Figure 27.
Switching frequency vs. load _OUT2 = 3.3 V TON = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com