Electronic Components Datasheet Search
  English  ▼

X  

AN2941 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 7Page - STMicroelectronics AN2941 Datasheet HTML 8Page - STMicroelectronics AN2941 Datasheet HTML 9Page - STMicroelectronics AN2941 Datasheet HTML 10Page - STMicroelectronics AN2941 Datasheet HTML 11Page - STMicroelectronics AN2941 Datasheet HTML 12Page - STMicroelectronics AN2941 Datasheet HTML 13Page - STMicroelectronics AN2941 Datasheet HTML 14Page - STMicroelectronics AN2941 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AN2941
Main characteristics and circuit description
Doc ID 15447 Rev 4
11/37
Overtemperature protection
Thermistor R58, connected to L6566A DIS pin (#8), provides for a thermal protection of the
flyback MOSFET (Q5). The L6563S PWM_LATCH pin (activated in case of PFC loop
failures or PFC inductor saturation) is connected to L6566A DIS pin too. In case of PFC
latching failure, the flyback converter activity is latched too. To maintain this state
, an internal
circuitry of the L6566A monitors the VCC and periodically reactivates the HV current source
to supply the IC, while the L6563S remains inactive after latching because it is no longer
powered via the Vcc_PFC pin that has been opened by the internal L6566A logic.
Standby power savings
The L6566A implements a current mode control, thus it monitors the output power by pin
COMP whose level is proportional to the load. Thus, when the voltage on pin COMP falls
below an internal threshold, the controller is disabled and its consumption reduced. Normal
operation restarts as soon as the COMP voltage rises again. In this way a low consumption
burst mode operation is obtained.
On this board, because the flyback stage acts as master, it has been electrically designed to
operate over the entire mains voltage range. This solution allows turning off the PFC
controller during no-load operation, saving power. As soon as the COMP level falls below
the burst mode threshold, the L6566A stops supplying the PFC controller, disabling
VCC_PFC pin and reducing the PFC consumption to almost zero as already explained,
minimizing the overall consumption of the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com