Electronic Components Datasheet Search
  English  ▼

X  

AN2941 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 12Page - STMicroelectronics AN2941 Datasheet HTML 13Page - STMicroelectronics AN2941 Datasheet HTML 14Page - STMicroelectronics AN2941 Datasheet HTML 15Page - STMicroelectronics AN2941 Datasheet HTML 16Page - STMicroelectronics AN2941 Datasheet HTML 17Page - STMicroelectronics AN2941 Datasheet HTML 18Page - STMicroelectronics AN2941 Datasheet HTML 19Page - STMicroelectronics AN2941 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Functional check
AN2941
16/37
Doc ID 15447 Rev 4
4
Functional check
The following figures show some flyback waveforms during steady-state operation and the
L6563S TBO function is depicted, setting different PFC output voltages according to the
mains input voltage.
At nominal load conditions, in Figure 9 and Figure 10, we note that the ZCD negative-going
edge triggers the MOSFET's turn-on, allowing quasi-resonant operation.
Figure 11
and Figure 12 show operation at 20 W. As indicated before, maximum switching
frequency has been set at 125 kHz. For this reason, the L6566A skips the first valley signal
on ZCD and switches on the MOSFET at the second negative-going edge.
Figure 9.
Flyback stage waveforms
at 115 V-60 Hz - full load
Figure 10.
Flyback stage waveforms
at 230 V -50 Hz - full load
CH1: Drain voltage
CH2: CS pin voltage
CH3: ZCD pin
CH4: PFC output
CH1: Drain voltage
CH2: CS pin voltage
CH3: ZCD pin
CH4: PFC output
Figure 11.
Flyback stage waveforms
at 115 V-60 Hz - 20 W load
Figure 12.
Flyback stage waveforms
at 230 V -50 Hz - 20 W load
CH1: Drain voltage
CH2: CS pin voltage
CH3: ZCD pin
CH4: PFC output
CH1: Drain voltage
CH2: CS pin voltage
CH3: ZCD pin
CH4: PFC output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com