Electronic Components Datasheet Search
  English  ▼

X  

AN2941 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 29Page - STMicroelectronics AN2941 Datasheet HTML 30Page - STMicroelectronics AN2941 Datasheet HTML 31Page - STMicroelectronics AN2941 Datasheet HTML 32Page - STMicroelectronics AN2941 Datasheet HTML 33Page - STMicroelectronics AN2941 Datasheet HTML 34Page - STMicroelectronics AN2941 Datasheet HTML 35Page - STMicroelectronics AN2941 Datasheet HTML 36Page - STMicroelectronics AN2941 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Transformer specifications
AN2941
34/37
Doc ID 15447 Rev 4
Figure 30.
Transformer winding cross view
Table 8.
Transformer winding data(1)
1.
All terminal wires have to be insulated with tubes
Pins
Winding
RMS current
Number of
turns
Number of
layers
Wire type
5-6
AUX
0.05 ARMS
7 spaced
1
G2
φ 0.23 mm
3-1
Primary - A (2)
2.
Primaries A and B are in parallel
0.39 ARMS
60
2
G2
2 x
φ 0.23 mm
8-10
19 V
5.2 ARMS
81
Multistrand G2
4 x
φ 0.64 mm
4-2
Primary - B
0.39 ARMS
60
2
G2
2 x
φ 0.23 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com