Electronic Components Datasheet Search
  English  ▼

X  

RH1084 Datasheet(PDF) 1 Page - Linear Technology

Part # RH1084
Description  5A Low Dropout Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1084 Datasheet(HTML) 1 Page - Linear Technology

  RH1084 Datasheet HTML 1Page - Linear Technology RH1084 Datasheet HTML 2Page - Linear Technology RH1084 Datasheet HTML 3Page - Linear Technology RH1084 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RH1084
1
rh1084fd
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement
5A Low Dropout
Positive Adjustable Regulator
The RH1084 positive adjustable regulator is designed to
provide 5A with higher efficiency than currently available
devices. All internal circuitry is designed to operate down
to 1V input-to-output differential and the dropout voltage
is fully specified as a function of load current. Dropout
is guaranteed at a maximum of 1.5V at maximum output
current, decreasing at lower load currents. On-chip trim-
ming adjusts the output voltage to 1%. Current limit is
also trimmed, minimizing the stress on both the regulator
and power source circuitry under overload conditions.
The RH1084 is pin compatible with older 3-terminal regu-
lators. A 10μF output capacitor is required on these new
device. However, this is usually included in most regulator
designs.
The wafer lots are processed to Linear Technology
Corporation’s in-house Class S flow-to-yield circuits
usable in stringent military applications.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Power Dissipation ............................... Internally Limited
Input-to-Output Voltage Differential .........................25V
Operating Junction Temperature Range
Control Section .............................. – 55°C to 150°C
Power Transistor ............................. –55°C to 200°C
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
2
1
VIN
CASE
IS OUTPUT
ADJ
K PACKAGE
2-LEAD TO-3 METAL CAN
BOTTOM VIEW
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
PRECONDITIONING
BURN-IN CIRCUIT
PACKAGE INFORMATION
100% Thermal Limit Burn-In
RH1084
IN
OUT
ADJ
121Ω
1k
RH1084 BI
12.5V
–12.5V
CAPACITOR(S) NOT SHOWN
Note: For ordering information contact LTC.


Similar Part No. - RH1084

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
5A Low Dropout Positive Adjustable Regulator
RH1084MK LINER-RH1084MK Datasheet
87Kb / 2P
5A Low Dropout Positive Adjustable Regulator
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
5A Low Dropout Positive Adjustable Regulator
More results

Similar Description - RH1084

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
5A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com