Electronic Components Datasheet Search
  English  ▼

X  

RH1084 Datasheet(PDF) 3 Page - Linear Technology

Part # RH1084
Description  5A Low Dropout Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1084 Datasheet(HTML) 3 Page - Linear Technology

  RH1084 Datasheet HTML 1Page - Linear Technology RH1084 Datasheet HTML 2Page - Linear Technology RH1084 Datasheet HTML 3Page - Linear Technology RH1084 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RH1084
3
rh1084fd
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
(Postirradiation) TA = 25°C unless otherwise noted.
TABLE 1A: ELECTRICAL CHARACTERISTICS
TABLE 1A: ELECTRICAL CHARACTERISTICS
Note 1: See thermal regulation specifications for changes in output voltage
due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing.
Note 2: Line and load regulation are guaranteed up to the maximum
power dissipation of 45W for RH1084. Power dissipation is determined
by the input/output differential voltage and the output current. Guaranteed
maximum power dissipation will not be available over the full input/output
voltage range.
PARAMETER
CONDITIONS
10KRAD(Si)
20KRAD(Si)
50KRAD(Si)
100KRAD(Si)
200KRAD(Si)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
Reference Voltage (Note 5)
IOUT = 10mA (VIN – VOUT) = 3V
1.234 1.258
1.23
1.257 1.225 1.253
1.22
1.247 1.205 1.241
V
10mA ≤ IOUT ≤ IFULL LOAD,
1.5V ≤ (VIN – VOUT) ≤ 15V
1.22
1.275 1.219 1.275 1.215 1.275 1.210 1.275 1.203 1.275
V
Line Regulation (Notes 1, 2)
ILOAD = 10mA
1.5V ≤ (VIN – VOUT) ≤ 15V
15V ≤ (VIN – VOUT) ≤ 25V
0.2
0.5
0.21
0.5
0.23
0.5
0.25
0.5
0.3
0.5
%
%
Load Regulation (Notes 1, 2, 5) (VIN – VOUT) = 3V
10mA ≤ IOUT ≤ IFULL LOAD
0.6
0.6
0.6
0.7
0.8
%
Dropout Voltage (Note 3)
ΔVREF = 1%, IOUT = FULL LOAD
1.5
1.55
1.65
1.8
2.0
V
Current Limit
(VIN – VOUT) = 5V
(VIN – VOUT) = 25V
5.5
0.3
5.5
0.3
5.4
0.3
5.25
0.3
5.0
0.3
A
A
Minimum Load Current
(VIN – VOUT) = 25V
10
10
10
10
10
mA
Adjust Pin Current
120
120
120
120
120
μA
Adjust Pin Current Change
(Note 5)
10mA ≤ IOUT ≤ IFULL LOAD
1.5V ≤ (VIN – VOUT) ≤ 15V
55555
μA
Note 3: Dropout voltage is specified over the full output current range of
the device. Test points and limits are shown on the Dropout Voltage curve
in the LT
®1084 data sheet.
Note 4: Guaranteed by design, characterization, or correlation to other
tested parameters.
Note 5: IFULL LOAD is defined in the Current Limit curves in the standard
data sheet. For compliance with 883 revision C current density
specifications, the RH1084 is rated to 3A.
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3,4,5,6
Group A Test Requirements (Method 5005)
1,2,3,4,5,6
Group C and D End Point Electrical Parameters
(Method 5005)
1
* PDA Applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown in accordance with method 5004 of MIL-STD-883
Class B. The verified failures of group A, subgroup 1, after burn-in divided
by the total number of devices submitted for burn-in in that lot shall be
used to determine the percent defective for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com